Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2551I/P Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP2551I/P
Description  High-Speed CAN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2551I/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP2551I/P Datasheet HTML 12Page - Microchip Technology MCP2551I/P Datasheet HTML 13Page - Microchip Technology MCP2551I/P Datasheet HTML 14Page - Microchip Technology MCP2551I/P Datasheet HTML 15Page - Microchip Technology MCP2551I/P Datasheet HTML 16Page - Microchip Technology MCP2551I/P Datasheet HTML 17Page - Microchip Technology MCP2551I/P Datasheet HTML 18Page - Microchip Technology MCP2551I/P Datasheet HTML 19Page - Microchip Technology MCP2551I/P Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS21667C-page 17
MCP2551
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP2551= High-Speed CAN Transceiver
Temperature
Range:
I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
P
=
Plastic DIP (300 mil Body) 8-lead
SN
=
Plastic SOIC (150 mil Body) 8-lead
Examples:
a)
MCP2551-I/P: Industrial temperature,
PDIP package.
b)
MCP2551-E/P: Extended temperature,
PDIP package.
c)
MCP2551-I/SN: Industrial temperature,
SOIC package.
d)
MCP2551T-I/SN: Tape and Reel, Industrial
Temperature, SOIC package.
e)
MCP2551T-E/SN:
Tape
and
Reel,
Extended Temperature, SOIC package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com