Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9070S/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM9070S/NOPB
Description  Low-Dropout System Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9070S/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM9070S/NOPB Datasheet HTML 3Page - Texas Instruments LM9070S/NOPB Datasheet HTML 4Page - Texas Instruments LM9070S/NOPB Datasheet HTML 5Page - Texas Instruments LM9070S/NOPB Datasheet HTML 6Page - Texas Instruments LM9070S/NOPB Datasheet HTML 7Page - Texas Instruments LM9070S/NOPB Datasheet HTML 8Page - Texas Instruments LM9070S/NOPB Datasheet HTML 9Page - Texas Instruments LM9070S/NOPB Datasheet HTML 10Page - Texas Instruments LM9070S/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LM9070
www.ti.com
SNVS130E – DECEMBER 1999 – REVISED APRIL 2013
ON/OFF, KEEP-ALIVE AND SAFETY LATCH-OFF CONTROL DIAGRAMS
Note: If Keep-Alive is provided by a microprocessor powered by the output voltage of the LM9070, the logic “1”
voltage level will track VOUT as the regulator turns OFF.
(Keep-Alive input must be high to turn OFF output)
Turn ON with ON/OFF control, Keep output biased with Keep-Alive
input, Turn OFF with Keep-Alive (Keep-Alive low keeps output ON,
Keep-Alive going high turns output OFF)
Figure 17. Simple ON/OFF control
Figure 18. Keep-Alive Mode
Keep output biased with Keep-Alive; Hold ouput ON with ON/OFF;
(ON/OFF going high required to turn Output back ON)
Turn OFF with ON/OFF input. (Temporary Keep-Alive Mode)
Figure 19. Switch ON with ON/OFF input
Figure 20. Safety Latch OFF of VOUT when in Keep-
Alive Mode
Control Logic Truth Table
ON/OFF
Keep-Alive
Output
Reset
Operating Condition
Input
Input
Voltage
Output
L
X
0V
L
Low quiescent current standby (OFF) condition
↑
X
5V
↑ after delay
Output turns ON
H
X
5V
H
Normal ON condition
↓
H
0V
L
Output turns OFF
↓
L
5V
H
Output kept ON by Keep-Alive Input
↑
L
5V
H
Output remains ON (or turns ON)
H
X
ΔVOUT ≥ −300 mV
L
Output pulled out of regulation, reset flag generated
L
L
VOUT ≤ 4V
L
Output latches OFF
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM9070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com