Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9070S/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM9070S/NOPB
Description  Low-Dropout System Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9070S/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM9070S/NOPB Datasheet HTML 6Page - Texas Instruments LM9070S/NOPB Datasheet HTML 7Page - Texas Instruments LM9070S/NOPB Datasheet HTML 8Page - Texas Instruments LM9070S/NOPB Datasheet HTML 9Page - Texas Instruments LM9070S/NOPB Datasheet HTML 10Page - Texas Instruments LM9070S/NOPB Datasheet HTML 11Page - Texas Instruments LM9070S/NOPB Datasheet HTML 12Page - Texas Instruments LM9070S/NOPB Datasheet HTML 13Page - Texas Instruments LM9070S/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LM9070
SNVS130E – DECEMBER 1999 – REVISED APRIL 2013
www.ti.com
Figure 22. Control Logic Not Used
Conventional load dump protection is built in to withstand up to +60V and
−50V transients. A 1 kΩ resistor in
series with the ON/OFF and Keep-Alive inputs are recommended to provide the same level of transient
protection for these pins if required. Protection against reverse polarity battery connections is also built in. With a
reversed battery the output of the LM9070 will not go more negative than one diode drop below ground. This will
prevent damage to any of the 5V load circuits.
For applications where the control logic is not required the logic pins should be configured as shown in Figure 22.
A separate device, called the LM9071, can be used. The LM9071 is available in a 5-lead TO-220 package and
does not provide control logic functions, but still retains all of the protection features of the LM9070.
RESET FLAG
Excessive loading of the output to the point where the output voltage drops by 300 mV to 500 mV will signal a
reset flag to the micro. This will warn of a VCC supply that may produce unpredictable operation of the system.
On power-up and recovery from a fault condition the delay capacitor is used to hold the micro in a reset condition
for a programmable time interval to allow the system operating voltages and
clock to stabilize before executing code. The typical delay time interval can be estimated using the following
equation:
(1)
INPUT STABILITY
Low dropout voltage regulators which utilize a PNP power transistor usually exhibit a large increase in current
when in dropout (VIN < 5.5V). This increase is caused by the saturation characteristics (β reduction) of the PNP
transistor. To significantly minimize this increase in current the LM9070 detects when the PNP enters saturation
and reduces the operating current.
This reduction in input current can create a stability problem in applications with higher load current (> 100 mA)
where the input voltage is applied through a long length of wire, which in effect adds a significant amount of
inductance in series with the input. The drop in input current may create a positive input voltage transient which
may take the PNP out of saturation. If the input voltage is held constant at the threshold where the PNP is going
in and out of saturation, an oscillation may be created.
This is only observed where significant series inductance is present in the input supply line and when the rise
and fall time of the input supply is very slow. If the application and removal of the input voltage changes at a rate
greater than 500 mV/
μs, the input voltage moves through the dropout region of operation (VIN of 3V to 5.5V) too
quickly for an oscillation to be established.
MICROPROCESSOR SYSTEM REGULATOR WITH KEEP-ALIVE INTERVAL AT TURN-OFF
Figure 23 illustrates a system application circuit utilizing both of the logic control inputs of the LM9070. Closing
the ON/OFF switch powers ON the system. Once powered, the system controller sets the Keep-Alive line low.
The NPN transistor is used only to signal the controller that the ON/OFF switch has been opened and the system
is to be turned OFF. Upon detecting this high level at the ON/OFF Sense input line, the controller can then
perform a power down routine. The system will remain fully powered until the controller commands total shut
down by taking the Keep-Alive line high. The system then shuts OFF and reverts to a very low current drain
standby condition until switched back on.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM9070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com