Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP6D31MENP-R47MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEP6D31MENP-R47MC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP6D31MENP-R47MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDEP6D31MENP-R47MC Datasheet HTML 1Page - Sumida Corporation CDEP6D31MENP-R47MC Datasheet HTML 2Page - Sumida Corporation CDEP6D31MENP-R47MC Datasheet HTML 3Page - Sumida Corporation CDEP6D31MENP-R47MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP6D31ME
Description
• Metal alloy core construction.
• Magnetically shielded.
• L
×W×H: 7.5×7.0×3.2 mm Max.
• Product weight: 0.72 g (Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+85℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13.0”diameter reel
• 1500pcs per reel
Applications
• Ideally used in server, Desktop ,Notebook
,communication devices and other high
current application.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
F
S
7.5 Max.
7.
0
Ma
x.
3.2 Max.
1.5±0.254
1.
2±
0.
2
4.0
7.37
3.
43
3.71


Similar Part No. - CDEP6D31MENP-R47MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP6D48ME SUMIDA-CDEP6D48ME Datasheet
57Kb / 2P
Power Inductors
CDEP6D48MENP-1R0M SUMIDA-CDEP6D48MENP-1R0M Datasheet
57Kb / 2P
Power Inductors
CDEP6D48MENP-1R2M SUMIDA-CDEP6D48MENP-1R2M Datasheet
57Kb / 2P
Power Inductors
CDEP6D48MENP-1R5M SUMIDA-CDEP6D48MENP-1R5M Datasheet
57Kb / 2P
Power Inductors
CDEP6D48MENP-2R0M SUMIDA-CDEP6D48MENP-2R0M Datasheet
57Kb / 2P
Power Inductors
More results

Similar Description - CDEP6D31MENP-R47MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com