Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP6D31MENP-R47MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDEP6D31MENP-R47MC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP6D31MENP-R47MC Datasheet(HTML) 3 Page - Sumida Corporation

  CDEP6D31MENP-R47MC Datasheet HTML 1Page - Sumida Corporation CDEP6D31MENP-R47MC Datasheet HTML 2Page - Sumida Corporation CDEP6D31MENP-R47MC Datasheet HTML 3Page - Sumida Corporation CDEP6D31MENP-R47MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP6D31ME
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
12
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
4
8
12
16
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
4
8
12
16
20
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
5
10
15
20
25
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
6
12
18
24
30
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
8
16
24
32
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
8
16
24
32
40
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
20
30
40
50
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDEP6D31MENP-R47MC
△T (℃)
L (
μH)
2. CDEP6D31MENP-R68MC
△T (℃)
L (
μH)
3. CDEP6D31MENP-R82MC
L (
μH)
DC (A)
5. CDEP6D31MENP-1R5MC
△T (℃)
L (
μH)
6. CDEP6D31MENP-2R2MC
7. CDEP6D31MENP-2R4MC
△T (℃)
L (
μH)
8. CDEP6D31MENP-2R7MC
△T (℃)
L (
μH)
DC (A)
4. CDEP6D31MENP-1R0MC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (25
℃)
△T
DC (A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com