Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8704 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP8704
Description  950MHz VERY LOW CURRENT MULTI-MODULUS DIVIDER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP8704 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP8704 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP8704 Datasheet HTML 2Page - List of Unclassifed Manufacturers SP8704 Datasheet HTML 3Page - List of Unclassifed Manufacturers SP8704 Datasheet HTML 4Page - List of Unclassifed Manufacturers SP8704 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FEATURES
DC to 950MHz Operation
-40°C to +85°C Temperature Range
Operation from 3V to 5V Supply
ESD Protection on all Pins
QUICK REFERENCE DATA
Supply Voltage 3V to 5V
Supply Current 10mA - Including Output Emitter
Follower
SP8704
950MHz VERY LOW CURRENT MULTI-MODULUS DIVIDER
The SP8704 is a switchable divide by 128/129, 64/65
programmable divider with a maximum specified operating
frequency of 950MHz.
The signal (clock) inputs are biased internally and require
to be capacitor coupled.
The SP8704 will operate from any supply from 3V to 5V
and features full electrostatic discharge protection.
Fig. 2 Functional diagram SP8704
Fig. 1 Pin connections - top view
ABSOLUTE MAXIMUM RATINGS
Supply voltage
7V
Storage temperature range
-55°C to +125°C
Junction temperature
+175°C
Input voltage
2.5V p-p
DP8,MP8
DS 3289 -1
÷ 128/9
÷ 64/5
SP8704 IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com