Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8704 Datasheet (PDF) - List of Unclassifed Manufacturers

SP8704 Datasheet PDF - List of Unclassifed Manufacturers
Part # SP8704
Download  SP8704 Download
File Size   66.53 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 950MHz VERY LOW CURRENT MULTI-MODULUS DIVIDER

SP8704 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8704 Datasheet PDF - List of Unclassifed Manufacturers

Part # SP8704
Download  SP8704 Click to download

File Size   66.53 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 950MHz VERY LOW CURRENT MULTI-MODULUS DIVIDER

SP8704 Datasheet (HTML) - List of Unclassifed Manufacturers


SP8704 Product details

[GEC]



950MHz VERY LOW CURRENT MULTI-MODULUS DIVIDER



The SP8704 is a switchable divide by 128/129, 64/65 programmable divider with a maximum specified operating frequency of 950MHz.

The signal (clock) inputs are biased internally and require to be capacitor coupled.

The SP8704 will operate from any supply from 3V to 5V and features full electrostatic discharge protection.



FEATURES

DC to 950MHz Operation

-40°C to +85°C Temperature Range

Operation from 3V to 5V Supply

ESD Protection on all Pins



QUICK REFERENCE DATA

Supply Voltage 3V to 5V

Supply Current 10mA - Including Output Emitter Follower




Similar Part No. - SP8704

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SP870208-1 DBUNLIMITED-SP870208-1 Datasheet
764Kb / 1P
Released from Engineering
More results


Similar Description - SP8704

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8713 MITEL-SP8713 Datasheet
135Kb / 9P
1100MHz Very Low Current Three Modulus Divider
SP8714 MITEL-SP8714 Datasheet
107Kb / 9P
2100MHz Very Low Current Multi-Modulus Divider
SP8715 MITEL-SP8715 Datasheet
312Kb / 10P
1100MHz Very Low Current Multi-Modulus Divider
SP8782A MITEL-SP8782A Datasheet
129Kb / 8P
1GHz 첨 16/17, 첨32/33 Multi-Modulus Divider
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
5GHZ 첨2 Fixed Modulus Divider
logo
List of Unclassifed Man...
SP8906 ETC-SP8906 Datasheet
126Kb / 3P
500MHZ 4 MODULUS DIVIDER
logo
Zarlink Semiconductor I...
SP8714 ZARLINK-SP8714 Datasheet
487Kb / 9P
2100 MHz Very Low Current Multi-Modulus Divider
SP8782A ZARLINK-SP8782A Datasheet
290Kb / 8P
1GHz 16/17, 32/33 Multi-Modulus Divider
SP8715 ZARLINK-SP8715 Datasheet
611Kb / 11P
1100MHz Very Low Current Multi-Modulus Divider
logo
Mitel Networks Corporat...
SP8714 MITEL-SP8714_96 Datasheet
177Kb / 8P
2100MHz Very Low Current Multi-Modulus Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com