Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8713 Datasheet (PDF) - Mitel Networks Corporation

SP8713 Datasheet PDF - Mitel Networks Corporation
Part # SP8713
Download  SP8713 Download
File Size   135.3 Kbytes
Page   9 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1100MHz Very Low Current Three Modulus Divider

SP8713 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8713 Datasheet PDF - Mitel Networks Corporation

Part # SP8713
Download  SP8713 Click to download

File Size   135.3 Kbytes
Page   9 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1100MHz Very Low Current Three Modulus Divider

SP8713 Datasheet (HTML) - Mitel Networks Corporation


SP8713 Product details

The SP8713 is a switchable divide by 64/65/72 programmable divider which is guaranteed to operate up to 1100MHz. It will operate from a supply of 2.7V to 5.25V and requires typically 4.1mA (including the output current). It also features a power down facility for battery economy.
The RF inputs are internally biased and should be capacitively coupled to the signal source. The output is designed to interface with CMOS synthesisers, such as the NJ88C50.

FEATURES
■ Operation to 1100MHz
■ Very Low Power
■ Single Supply Operation 2.7V to 5.25V
■ Power Down Facility for Battery Economy
■ Latched Modulus Control Inputs
■ Push Pull Output Drive
■ ESD Protection on All Pins†

APPLICATIONS
■ Cellular Telephones
■ Cordless Telephones
■ Mobile Radio




Similar Part No. - SP8713

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP8712B ETC2-SP8712B Datasheet
568Kb / 4P
2400MHz 첨 4 Asynchronous Emitter Coupled Logic Counter
logo
Mitel Networks Corporat...
SP8714 MITEL-SP8714 Datasheet
107Kb / 9P
2100MHz Very Low Current Multi-Modulus Divider
logo
Zarlink Semiconductor I...
SP8714 ZARLINK-SP8714 Datasheet
487Kb / 9P
2100 MHz Very Low Current Multi-Modulus Divider
logo
Mitel Networks Corporat...
SP8714 MITEL-SP8714 Datasheet
177Kb / 8P
2100MHz Very Low Current Multi-Modulus Divider
logo
Zarlink Semiconductor I...
SP8714IG ZARLINK-SP8714IG Datasheet
487Kb / 9P
2100 MHz Very Low Current Multi-Modulus Divider
More results


Similar Description - SP8713

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8714 MITEL-SP8714 Datasheet
107Kb / 9P
2100MHz Very Low Current Multi-Modulus Divider
SP8715 MITEL-SP8715 Datasheet
312Kb / 10P
1100MHz Very Low Current Multi-Modulus Divider
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
5GHZ 첨2 Fixed Modulus Divider
SP8908 MITEL-SP8908 Datasheet
94Kb / 6P
5GHZ 48 Fixed Modulus Divider
logo
List of Unclassifed Man...
SP8704 ETC-SP8704 Datasheet
66Kb / 5P
950MHz VERY LOW CURRENT MULTI-MODULUS DIVIDER
SP8906 ETC-SP8906 Datasheet
126Kb / 3P
500MHZ 4 MODULUS DIVIDER
logo
Zarlink Semiconductor I...
SP8714 ZARLINK-SP8714 Datasheet
487Kb / 9P
2100 MHz Very Low Current Multi-Modulus Divider
SP8715 ZARLINK-SP8715 Datasheet
611Kb / 11P
1100MHz Very Low Current Multi-Modulus Divider
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
5GHZ/ 2 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8714 MITEL-SP8714_96 Datasheet
177Kb / 8P
2100MHz Very Low Current Multi-Modulus Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com