Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8713 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP8713
Description  1100MHz Very Low Current Three Modulus Divider
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8713 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP8713 Datasheet HTML 1Page - Mitel Networks Corporation SP8713 Datasheet HTML 2Page - Mitel Networks Corporation SP8713 Datasheet HTML 3Page - Mitel Networks Corporation SP8713 Datasheet HTML 4Page - Mitel Networks Corporation SP8713 Datasheet HTML 5Page - Mitel Networks Corporation SP8713 Datasheet HTML 6Page - Mitel Networks Corporation SP8713 Datasheet HTML 7Page - Mitel Networks Corporation SP8713 Datasheet HTML 8Page - Mitel Networks Corporation SP8713 Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
SP8713
OPERATING NOTES
The RF inputs are biased internally and are normally coupled to the signal source with suitable capacitors.
The output stage has a novel design and is intended to drive a CMOS synthesiser input. External pull-down resistors or
circuits are not required. The SP8713 is not suitable for driving TTL or similar devices.
The device will operate down to DC frequencies for non-sinusoidal signals provided that the input slew rate is better than
100V/
µs.
POWER DOWN (pin 7) is connected internally to a pull-up resistor. If the battery economy facility is not used, pin 7 should
be connected to VEE.
Fig. 4 Modulus control timing diagram
RF INPUT
CLOCK
MODULUS
CONTROL
INPUTS
OUTPUT
t s
t h
32 or 36
32, 33 or 36
DON'T CARE
DON'T CARE
Fig. 3 Typical input characteristics
Modulus
Modulus
Division
Control 1
Control 2
Ratio
(Pin 3)
(Pin 6)
LL
65
HL
64
HH
72
LH
72
TYPICAL
SENSITIVITY
TYPICAL
OVERLOAD
1000
800
600
400
200
0
200
400
600
800
1000
1200
* Tested as specified in table of Electrical Characteristics
FREQUENCY (MHZ)
GUARANTEED*
OPERATING WINDOW
Table 1 Truth table



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com