Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8715 Datasheet (PDF) - Mitel Networks Corporation

SP8715 Datasheet PDF - Mitel Networks Corporation
Part # SP8715
Download  SP8715 Download
File Size   312.39 Kbytes
Page   10 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1100MHz Very Low Current Multi-Modulus Divider

SP8715 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8715 Datasheet PDF - Mitel Networks Corporation

Part # SP8715
Download  SP8715 Click to download

File Size   312.39 Kbytes
Page   10 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1100MHz Very Low Current Multi-Modulus Divider

SP8715 Datasheet (HTML) - Mitel Networks Corporation


SP8715 Product details

Description
The SP8715 is a switchable divide by 64/65, 128/129 programmable divider which is guaranteed to operate up to 1100MHz. It will operate from a supply of 2.7V to 5.25V and requires typically 3.6mA (including the output current). It also features a power down facility for battery economy.

Features
● Operation to 1100MHz
● Very Low Power
● Single Supply Operation 2.7V to 5.25V
● Power Down Facility for Battery Economy
● Latched Modulus Control Input
● Push Pull Output Drive
● ESD Protection on All Pins†

Applications
● Cellular Telephones
● Cordless Telephones
● Mobile Radio




Similar Part No. - SP8715

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8715 ZARLINK-SP8715 Datasheet
611Kb / 11P
1100MHz Very Low Current Multi-Modulus Divider
SP8715/IG/MPAC ZARLINK-SP8715/IG/MPAC Datasheet
611Kb / 11P
1100MHz Very Low Current Multi-Modulus Divider
SP8715/IG/MPAS ZARLINK-SP8715/IG/MPAS Datasheet
611Kb / 11P
1100MHz Very Low Current Multi-Modulus Divider
More results


Similar Description - SP8715

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8713 MITEL-SP8713 Datasheet
135Kb / 9P
1100MHz Very Low Current Three Modulus Divider
SP8714 MITEL-SP8714 Datasheet
107Kb / 9P
2100MHz Very Low Current Multi-Modulus Divider
SP8782A MITEL-SP8782A Datasheet
129Kb / 8P
1GHz 첨 16/17, 첨32/33 Multi-Modulus Divider
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
5GHZ 첨2 Fixed Modulus Divider
logo
List of Unclassifed Man...
SP8704 ETC-SP8704 Datasheet
66Kb / 5P
950MHz VERY LOW CURRENT MULTI-MODULUS DIVIDER
SP8906 ETC-SP8906 Datasheet
126Kb / 3P
500MHZ 4 MODULUS DIVIDER
logo
Zarlink Semiconductor I...
SP8714 ZARLINK-SP8714 Datasheet
487Kb / 9P
2100 MHz Very Low Current Multi-Modulus Divider
SP8782A ZARLINK-SP8782A Datasheet
290Kb / 8P
1GHz 16/17, 32/33 Multi-Modulus Divider
SP8715 ZARLINK-SP8715 Datasheet
611Kb / 11P
1100MHz Very Low Current Multi-Modulus Divider
logo
Mitel Networks Corporat...
SP8714 MITEL-SP8714_96 Datasheet
177Kb / 8P
2100MHz Very Low Current Multi-Modulus Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com