Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100CIWMX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMF100CIWMX/NOPB
Description  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWMX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMF100CIWMX/NOPB Datasheet HTML 1Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 2Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 3Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 4Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 5Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 6Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 7Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 8Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Not Recommended for New Designs
LMF100
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage (V+ – V–)
16
V
V+ + 0.3
Voltage at any pin
V
V– – 0.3
Input current at any pin(2)
5
mA
Package input current(2)
20
mA
Power dissipation(3)
500
mW
N Package: 10 sec.
250
Soldering information(4)
Vapor Phase (60 sec)
215
°C
SOIC Package
Infrared (15 sec)
220
Storage temperature, Tstg
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < V
– or the absolute value of current at that pin should be
limited to 5 mA or less. The sum of the currents at all pins that are driven beyond the power supply voltages should not exceed
20 mA.VIN
+)
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, RθJA, and the ambient
temperature, TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX − TA)/RθJA or the number given in the
Absolute Maximum Ratings, whichever is lower. For this device, TJMAX = 125°C, and the typical junction-to-ambient thermal resistance
of the LMF100CIN when board mounted is 55°C/W. For the LMF100CIWM this number is 66°C/W.
(4)
See AN-450Surface Mounting Methods and Their Effect on Product Reliability(Appendix D) for other methods of soldering surface
mount devices.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
A military RETS specification is available upon request.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
LMF100CCN
0
70
Temperature
°C
LMF100CIWM
–40
85
Supply voltage
4
≤V+ – V– ≤
15
V
4
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com