Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100CIWMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMF100CIWMX/NOPB
Description  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMF100CIWMX/NOPB Datasheet HTML 1Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 2Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 3Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 4Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 5Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 6Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 7Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 8Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMF100
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
LMF100 Dual High-Performance Switched Capacitor Filters
Not Recommended for New Designs
1 Features
3 Description
The LMF100 device consists of two independent
1
•
Wide 4-V to 15-V Power Supply Range
general-purpose,
high-performance
switched
•
Operation up to 100 kHz
capacitor filters. With an external clock and two to
•
Low Offset Voltage:
four resistors, each filter block can realize various
second-order and first-order filtering functions. Each
–
Typically (50:1 or 100:1 mode):
block
has
three
outputs.
One
output
can
be
–
Vos1 = ±5 mV
configured to perform either an allpass, highpass, or
–
Vos2 = ±15 mV
notch function. The other two outputs perform
bandpass
and
lowpass
functions.
The
center
–
Vos3 = ±15 mV
frequency of each filter stage is tuned by using an
•
Low Crosstalk: –60 dB
external clock or a combination of a clock and resistor
•
Clock to Center Frequency Ratio Accuracy ±0.2%
ratio. Up to a fourth-order biquadratic function can be
(Typical)
realized with one LMF100. Higher order filters are
implemented
by
simply
cascading
additional
•
f0 × Q Range up to 1.8 MHz
packages, and all the classical filters (such as
•
Pin-Compatible With MF10
Butterworth, Bessel, Elliptic, and Chebyshev) can be
realized.
2 Applications
The LMF100 is fabricated on TI’s high-performance
•
Replacing Active RC Filters With Reduced Form
analog silicon gate CMOS process, LMCMOS™. This
Factors and Higher Accuracy and Tunability
allows for the production of a very low-offset, high-
•
An Alternative to Integrated Continuous Time
frequency filter building block. The LMF100 is pin-
Filters
compatible with the industry standard MF10, but
provides greatly improved performance.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (20)
12.60 mm × 10.00 mm
LMF100
PDIP (20)
24.33 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Fourth-Order 100-kHz Butterworth Lowpass Filter
Transfer Curve of Butterworth LP Filter Roll-Off
Magnitude vs Frequency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMF100CIWMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMF100CIWM NSC-LMF100CIWM Datasheet
868Kb / 28P
High Performance Dual Switched Capacitor Filter
More results

Similar Description - LMF100CIWMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMF100 NSC-LMF100 Datasheet
868Kb / 28P
High Performance Dual Switched Capacitor Filter
logo
Linear Technology
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
High Performance Switched Capacitor Universal Filter
LTC1059CS LINER-LTC1059CS Datasheet
175Kb / 3P
High Performance Switched Capacitor Universal Filter?
logo
Maxim Integrated Produc...
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
logo
Linear Technology
LT1059 LINER-LT1059 Datasheet
458Kb / 8P
HIGH PERFORMANCE SWITCHED CAPACITOR UNIVERSAL FILTER
LTC1059 LINER-LTC1059_09 Datasheet
120Kb / 8P
High Performance Switched Capacitor Universal Filter
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490_09 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
Linear Technology
LTC1059 LINER-LTC1059_15 Datasheet
126Kb / 8P
High Performance Switched Capacitor Universal Filter
logo
Texas Instruments
LMF100 TI-LMF100_15 Datasheet
1Mb / 40P
LMF100 Dual High-Performance Switched Capacitor Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com