Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4IOE5V9521 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9521
Description  interrupt and reset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9521 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9521 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-02-0002
PT0564-1
03/29/16
7
PI4IOE5V9521
2-bit I
2C-bus and SMBus
low power I/O port with interrupt and reset
PI4IOE5V9521 Block Diagram
Details Description
a. Device address
Table 4: Device address
b7(MSB)
b6
b5
b4
b3
b2
b1
b0
Address Byte
1
0
0
1
0
0
1
R/W
Note: Read “1”, Write “0”
b. Registers
i. Command byte
The command byte is the first byte to follow the address byte during a write transmission. It is used as a pointer to determine
which of the following registers will be written or read.
Table 5: Command byte
Command
Register
0
Input port register
1
Output port register
2
Polarity inversion register
3
Configuration register
Figure 3: Block diagram of PI4IOE5V9521
Note: All I/Os are set to inputs at reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com