Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4IOE5V9521 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9521
Description  interrupt and reset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9521 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9521 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4IOE5V9521 Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-02-0002
PT0564-1
03/29/16
9
PI4IOE5V9521
2-bit I
2C-bus and SMBus
low power I/O port with interrupt and reset
c. Power-on reset
When power is applied to VCC, an internal power-on reset holds the PI4IOE5V9521 in a reset condition until VCC has
reached VPOR. At that point, the reset condition is released and the PI4IOE5V9521 registers and SMBus state machine will
initialize to their default states. Thereafter, VCC must be lowered below 0.2 V to reset the device. For a power reset cycle,
VCC must be lowered below 0.2 V and then restored to the operating voltage.
d. Interrupt output (INT)
The open-drain interrupt output (INT) is activated when one of the port pins changes state and the pin is configured as an input.
The interrupt is de-activated when the input returns to its previous state or the Input Port register is read.
Note that changing an I/O from an output to an input may cause a false interrupt to occur if the state of the pin does not match
the contents of the input Port register.
e. RESET input
A reset can be accomplished by holding the RESET pin LOW for a minimum of tw(rst). The PI4IOE5V9521 registers and I
2C-
bus state machine will be held in their default state until the RESET input is once again HIGH.
f. I/O port
When an I/O is configured as an input, FETs Q1 and Q2 are off, creating a high-impedance input. The input voltage may be
raised above VCC to a maximum of 5.5 V.
If the I/O is configured as an output, then either Q1 or Q2 is on, depending on the state of the Output Port register. Care should
be exercised if an external voltage is applied to an I/O configured as an output because of the low-impedance path that exists
between the pin and either VCC or GND.
Figure 4: Simplified schematic of I/Os
After power-on reset, all registers return to default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com