Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73M223-CP Datasheet(PDF) 3 Page - TDK Electronics

Part # 73M223-CP
Description  1200 Baud FSK Modem
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73M223-CP Datasheet(HTML) 3 Page - TDK Electronics

  73M223-CP Datasheet HTML 1Page - TDK Electronics 73M223-CP Datasheet HTML 2Page - TDK Electronics 73M223-CP Datasheet HTML 3Page - TDK Electronics 73M223-CP Datasheet HTML 4Page - TDK Electronics 73M223-CP Datasheet HTML 5Page - TDK Electronics 73M223-CP Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
73M223
1200 Baud FSK Modem
3
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VDD
Positive Supply Voltage. Bypasses to Vss with 0.1 µF capacitor.
2
RXA
Receive Analog Input. Analog input from the telephone network.
3
CAP
Capacitor. Connect a 0.1µF capacitor between Pin 3 and ground (VSS).
4
RXF
Filtered Receive Analog Input
5
FIL
Analog Input Control. A logical 1 selects the filtered input. A logical 0 selects
the non-filtered input.
6
TEST
Self-Test Mode Control. Normal operation when a logical 0.A logical 1 places
the device into the self-test mode. A low appears at RXD, to indicate a
properly functioning device.
7
7;
Transmitter Control. A logical 0 selects transmit mode. A logical 1 selects a
stand-by condition forcing TXA to VDD/2 VDC.
8
VSS
Ground
9
SYNC
Synchronous Clock Output. Digital output synchronized with the 1200 bit/s
received data when
6<1 LV ORZ and used to sample the received data or eye
pattern. The falling edge of SYNC should be used to sample RXD. When
6<1
LV KLJKD 1200 H] FORFN LV RXWSXW
10
6<1
Sync Enable. A logic 0 locks the SYNC clock PLL to the 1200 baud receive
data. A logic 1 disables the receive data PLL, and connects SYNC to the 1200
HZ reference.
11
RXD
Receiver Digital Output
12
TXD
Transmitter Digital Input
13
OSC1
Crystal Input (3.1872 MHz) or External Clock Input
14
OSC2
Crystal Return
15
CLK
1200 Hz Square wave Output. Can drive up to 10 CMOS loads.
16
TXA
Transmitter Analog Output
ELECTRICAL SPECIFICATIONS
Recommended conditions apply unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
Operation outside these rating limits may cause permanent damage to this device.
PARAMETER
RATING
Power Supply Voltage (VDD-VSS)
14 V
Analog Input Voltage at RXA
- 0.3 to VDD V
Analog Input Voltage at RXF
- 3 to VDD V
Digital Input Voltage
VSS – 0.3 to VDD + 0.3 V
Storage Temperature Range
- 65 to + 150
°C
Operating Temperature Range
- 25 to + 70
°C
Lead Temperature (10 secs soldering)
260
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com