Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73M223-CP Datasheet(PDF) 4 Page - TDK Electronics

Part # 73M223-CP
Description  1200 Baud FSK Modem
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73M223-CP Datasheet(HTML) 4 Page - TDK Electronics

  73M223-CP Datasheet HTML 1Page - TDK Electronics 73M223-CP Datasheet HTML 2Page - TDK Electronics 73M223-CP Datasheet HTML 3Page - TDK Electronics 73M223-CP Datasheet HTML 4Page - TDK Electronics 73M223-CP Datasheet HTML 5Page - TDK Electronics 73M223-CP Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
73M223
1200 Baud FSK Modem
4
ELECTRICAL CHARACTERSITICS
Unless otherwise specified, 4.5 <VDD <13 VDC, VSS = 0 VDC, -25
° C <TA
POWER SUPPLY
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VDD Voltage Supply Range
4.5
13
V
Supply Current
VDD = 5V 25
° C
2.0
mA
VDD = 12V 25
° C
5.0
mA
Digital Inputs
Input Low Voltage VIL
VSS - 0.3
VSS + 1.5
V
Input High Voltage VIH
VDD - 1.5
VDD + 0.3
V
Input Low Current IIL
-1
µA
Input High Current IIH
1µA
Digital Outputs
Output Low Voltage VOL
IOL < 1 µA
0.05
V
Output High Voltage VOH
IOL < -1 µA
VDD = 5V
4.95
V
Output Low Current IOL
VOL = 0.4V
VDD = 5V
0.5
mA
Output High Current IOH
VOH = 4.5V
VDD = 5V
-0.2
mA
Analog Input Level @ RXA
Centered at VDD/2 + 0.5V
0.2
VDD/4
Vpp
Analog Input Level @ RXF
*DC Level between VDD & VSS
0.2
VDD/2
VDC
Error Rate
S/N = 8 dB Input @ RXF
5 x 10-3
Analog Output Level @ TXA
RL
≥ 10K
7; = 0
VDD/4
Vpp
7; = 1
VDD/2
VDC
XTAL = 3.1872 MHz
TXD=1
1302
Hz
Output Frequency @ TXA
TXD=0
2097
Hz
2nd to 14th Harmonics
-60
-50
dB
Output Harmonics
15th Harmonic
-20
dB
Input Filter (RFX)
*Input = 200 mVp-p to VDD/2 Vp-p
Lower 3 dB Corner
760
Hz
Upper 3 dB Corner
2625
Hz
* Note: The 73M223 RXF input is AC coupled internally but the DC value of the input must be between the two
supplies VDD & VSS.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com