Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73M223 Datasheet(PDF) 5 Page - TDK Electronics

Part # 73M223
Description  1200 Baud FSK Modem
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73M223 Datasheet(HTML) 5 Page - TDK Electronics

  73M223 Datasheet HTML 1Page - TDK Electronics 73M223 Datasheet HTML 2Page - TDK Electronics 73M223 Datasheet HTML 3Page - TDK Electronics 73M223 Datasheet HTML 4Page - TDK Electronics 73M223 Datasheet HTML 5Page - TDK Electronics 73M223 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
73M223
1200 Baud FSK Modem
5
APPLICATION INFORMATION
The
73M223
modem
chip
allows
low
cost
communications
in
a
private
network,
utilizing
twisted pair telephone wires. This chip is the prime
choice of those designers who require an efficient,
high performance modem solution for dedicated
private networks, HDX dial-up and other specialized
applications.
Such
applications
include
credit
verification systems, point-of-sale terminals, remote
process control, satellite and RF telemetery, private
data
links
and
acoustic
modem
designs.
No
microprocessors
or
external
adjustments
are
necessary with this device.
Utilizing a crystal input of 3.1872 MHz*, the 73M223
is a V.23 main channel 1200 Baud, FSK modem.
The signaling frequencies generated are 1302 Hz for
a logic “1” and 2097 Hz for a logic “0.” Crystals with
frequencies varying between 330 kHz to 7.0 MHz or
higher can be used. The baud rate and signaling
frequencies vary linearly with variation in crystal
frequency. If compatibility with V.23 is not required, a
color burst 3.579 MHz crystal can be used as long
as the other modem uses the same frequency offset.
A typical implementation on the 73M223 is shown in
the figure below. A 73M1550 UART receives data to
be transmitted from a microprocessor bus. The
UART sends the data in a serial format to the
73M223 modem after inserting the necessary start
and stop bits. The modem transmits this data to the
far end via the TXA pin. Full-duplex operation can be
implemented by utilizing separate transmit and
receive circuits. A USART can be used instead of a
UART if synchronous operation is desired. With
synchronous operation, a USART uses the modem’s
SYNC signal for timing to sample the received data,
and the modem’s CLK signal for timing to send data
to be transmitted.
* Available from Ecliptek Corp. (714) 433-1200 and
SMI Inc. (916) 477-5085.
73M223 TYPICAL APPLICATION
RXA
TXA
R2
100K
C5
VDD
0.1 µF
R3
100K
0.1 µF
C3
1 µF
C4
VDD
C2
30 pF
Typ.
3.1872
MHz
Y1
R1
1 M
Ω
C1
30 pF
Typ.
U1
1
2
3
4
5
6
7
8
VDD
RXA
CAP
RXF
TXA
CLK
OSC2
OSC1
TXD
FIL
TEST
RXD
7;
VSS
6<1
SYNC
73M223
9
10
11
12
13
14
15
16
U1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VCC
'&'
'65
&76
MR
'75
576
A0
A1
A2
INTRPT
5,
5'
VSS
:5
XOUT
XIN
&6#
SOUT
SIN
D7
D6
D5
D4
D3
D2
D1
D0
H
O
S
T
I
N
T
E
R
F
A
C
E
16C550



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com