Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73M223 Datasheet(PDF) 1 Page - TDK Electronics

Part # 73M223
Description  1200 Baud FSK Modem
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73M223 Datasheet(HTML) 1 Page - TDK Electronics

  73M223 Datasheet HTML 1Page - TDK Electronics 73M223 Datasheet HTML 2Page - TDK Electronics 73M223 Datasheet HTML 3Page - TDK Electronics 73M223 Datasheet HTML 4Page - TDK Electronics 73M223 Datasheet HTML 5Page - TDK Electronics 73M223 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
73M223
1200 Baud FSK Modem
February 1998
DESCRIPTION
The 73M223 modem device receives and transmits
serial and binary data over existing telephone
networks using Frequency Shift Keying (FSK). It
provides the filtering, modulation, and demodulation
to
implement
a
serial,
asynchronous
data
communication channel. The 73M223 employs the
CCITT V.23 signaling frequencies of 1302 and 2097
Hz, operating at 1200 baud, and is intended for half
duplex operation over a two-line system.
The 73M223 provides a cost-effective alternative to
existing modem solutions. It is ideally suited for R.F.
data links, credit verification systems, point-of-sale
terminals, and remote process control.
CMOS technology ensures small size, low-power
consumption and enhanced reliability.
FEATURES
•
Low cost FSK Modem
•
1200 baud operation
•
CMOS switched capacitor technology
•
Built-in self-test feature
•
On-chip filtering, and
Modulation/Demodulation
•
Uses CCITT V.23 frequencies
•
On chip crystal oscillator
•
Low power/High reliability
•
Does not require a microprocessor
•
10 mW @ 5 V supply
•
16-pin plastic packages
BLOCK DIAGRAM
OSC1
OSC2
OSC
13
14
TXD
12
7(67
TEST
7;
7
16
15
PHASE
COHERENT
WAVE
SYNTHESIZER
PROGRAMMABLE
DIGITAL
DIVIDER
DIGITAL
TIMING
SIGNALS
SYNC
PHASE LOCKED
LOOP
TXA
CLK
9
15
SYNC
6<1
7(67
TEST
SLICER
RXA
FIL
5
2
DIGITAL
DEMODULATOR
DIGITAL
LP
FILTER
DELAY
TEST
7(67
11
RXD
TEST
6
RANDOM
SEQUENCE
GENERATOR
SWITCHED CAP
BANDPASS
FILTER
4
RXF
3
CAP
1
VDD
8
VSS


Similar Part No. - 73M223

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73M2 CTS-73M2 Datasheet
141Kb / 2P
Metal Plate Current Sensing Resistors
logo
TDK Electronics
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
Advanced Single Chip Modem
73M2901-32I3 TDK-73M2901-32I3 Datasheet
316Kb / 17P
Advanced Single Chip Modem
73M2901-32IH TDK-73M2901-32IH Datasheet
316Kb / 17P
Advanced Single Chip Modem
73M2901-IG3 TDK-73M2901-IG3 Datasheet
316Kb / 17P
Advanced Single Chip Modem
More results

Similar Description - 73M223

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
logo
Texas Instruments
TCM3105DWE TI-TCM3105DWE Datasheet
342Kb / 11P
FSK MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
300 Baud Modem
logo
Motorola, Inc
MC145450 MOTOROLA-MC145450 Datasheet
291Kb / 6P
CMOS 1200 BAUD FSK MODEM
logo
Radiometrix Ltd
NBEK-000-XXX RADIOMETRIX-NBEK-000-XXX Datasheet
216Kb / 7P
NBEK Controller As 1200 Baud Modem
logo
Texas Instruments
TCM3105DWL TI-TCM3105DWL Datasheet
246Kb / 12P
FSK MODEM
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
1200 BAUD FFSK MODEM
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
1200 BAUD FFSK MODEM
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2 Datasheet
174Kb / 6P
19200 baud modem transceiver
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
Single-Chip 300-Baud Modem
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com