Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV802 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LPV802
Description  Nanopower Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV802 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LPV802 Datasheet HTML 2Page - Texas Instruments LPV802 Datasheet HTML 3Page - Texas Instruments LPV802 Datasheet HTML 4Page - Texas Instruments LPV802 Datasheet HTML 5Page - Texas Instruments LPV802 Datasheet HTML 6Page - Texas Instruments LPV802 Datasheet HTML 7Page - Texas Instruments LPV802 Datasheet HTML 8Page - Texas Instruments LPV802 Datasheet HTML 9Page - Texas Instruments LPV802 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
0
100
200
300
400
500
600
700
800
-0.2 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 3.4 3.8 4.2 4.6 5.0
Common Mode Voltage (V)
+125°C
+25°C
-40°C
C003
±1000
±800
±600
±400
±200
0
200
400
600
800
1000
-0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
Common Mode Voltage (V)
+125°C
+25°C
-40°C
C002
C002
C002
C002
0
100
200
300
400
500
600
700
800
-0.2 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Common Mode Voltage (V)
+125°C
+25°C
-40°C
C002
0
100
200
300
400
500
600
700
800
-0.2
0.3
0.7
1.2
1.7
2.1
2.6
3.0
3.5
Common Mode Voltage (V)
125°C
25°C
-40°C
C002
0
100
200
300
400
500
600
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
C001
+125°C
+25°C
-40°C
0
100
200
300
400
500
600
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
C002
+125°C
+25°C
-40°C
6
LPV801, LPV802
SNOSCZ3 – AUGUST 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Typical Characteristics
at TA = 25°C, VS = 5V, RL = 10MΩ to VS/2 ,CL = 20pF, VCM = VS / 2V unless otherwise specified.
VCM = V-
RL=No Load
Figure 1. Supply Current vs. Supply Voltage, Low VCM
VCM = V+
RL=No Load
Figure 2. Supply Current vs. Supply Voltage, High VCM
VS= 1.8V
VCM = V+
RL= No Load
Figure 3. Supply Current vs. Common Mode Voltage, 1.8V
VS= 3.3V
RL= No Load
Figure 4. Supply Current vs. Common Mode Voltage, 3.3V
VS= 5V
RL= No Load
Figure 5. Supply Current vs. Common Mode Voltage, 5V
VS= 1.8V
RL= 10MΩ
Figure 6. Typical Offset Voltage vs. Common Mode Voltage,
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com