Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV802 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LPV802
Description  Nanopower Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV802 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LPV802 Datasheet HTML 3Page - Texas Instruments LPV802 Datasheet HTML 4Page - Texas Instruments LPV802 Datasheet HTML 5Page - Texas Instruments LPV802 Datasheet HTML 6Page - Texas Instruments LPV802 Datasheet HTML 7Page - Texas Instruments LPV802 Datasheet HTML 8Page - Texas Instruments LPV802 Datasheet HTML 9Page - Texas Instruments LPV802 Datasheet HTML 10Page - Texas Instruments LPV802 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
±1000
±800
±600
±400
±200
0
200
400
600
800
1000
0.0
0.3
0.6
0.9
1.2
1.5
1.8
Common Mode Voltage (V)
C004
±500
±400
±300
±200
±100
0
100
200
300
400
500
0.0
0.3
0.6
0.9
1.2
1.5
1.8
Common Mode Voltage (V)
C003
1m
10m
100m
1
10
100
1k
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
C001
±100
±80
±60
±40
±20
0
20
40
60
80
100
0.0
0.3
0.6
0.9
1.2
1.5
1.8
Common Mode Voltage (V)
C001
±1000
±800
±600
±400
±200
0
200
400
600
800
1000
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Common Mode Voltage (V)
+125°C
+25°C
-40°C
C002
C002
±1000
±800
±600
±400
±200
0
200
400
600
800
1000
-0.3
0
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
3
3.3
Common Mode Voltage (V)
+125°C
+25°C
-40°C
C002
C002
7
LPV801, LPV802
www.ti.com
SNOSCZ3 – AUGUST 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5V, RL = 10MΩ to VS/2 ,CL = 20pF, VCM = VS / 2V unless otherwise specified.
VS= 3.3V
RL= 10MΩ
Figure 7. Typical Offset Voltage vs. Common Mode Voltage,
3.3V
VS= 5V
RL= 10MΩ
Figure 8. Typical Offset Voltage vs. Common Mode Voltage,
5V
VS= 5V
TA = -40 to 125
VCM = Vs/2
Figure 9. Input Bias Current vs. Temperature
VS= 1.8V
TA = -40°C
Figure 10. Input Bias Current vs. Common Mode Voltage at -
40°C
VS= 1.8V
TA = 25°C
Figure 11. Input Bias Current vs. Common Mode Voltage at
25°C
VS= 1.8V
TA = 125°C
Figure 12. Input Bias Current vs. Common Mode Voltage at
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com