Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3500E/2K Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3500E/2K
Description  VOICE/MODEM CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3500E/2K Datasheet(HTML) 4 Page - Texas Instruments

  PCM3500E/2K Datasheet HTML 1Page - Texas Instruments PCM3500E/2K Datasheet HTML 2Page - Texas Instruments PCM3500E/2K Datasheet HTML 3Page - Texas Instruments PCM3500E/2K Datasheet HTML 4Page - Texas Instruments PCM3500E/2K Datasheet HTML 5Page - Texas Instruments PCM3500E/2K Datasheet HTML 6Page - Texas Instruments PCM3500E/2K Datasheet HTML 7Page - Texas Instruments PCM3500E/2K Datasheet HTML 8Page - Texas Instruments PCM3500E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
®
4
PCM3500
PIN CONFIGURATION
Top View
SSOP
PIN
NAME
I/O
DESCRIPTION
1VCOM
OUT
Common-Mode Voltage (0.5VCC). This pin should be connected to ground through a capacitor.
2VREF1
—
Decouple Pin for Reference Voltage 1 (0.99VCC). This pin should be connected to ground through a capacitor.
3VREF2
—
Decouple Pin for Reference Voltage 2 (0.2VCC). This pin should be connected to ground through a capacitor.
4VIN
IN
Analog Input for the ADC.
5
AGND
—
Analog Ground for the ADC Input Signal.
6
M/S
IN
Master/Slave Select. This pin is used to determine the operating mode for the serial interface. A logic ‘0’ on this pin selects the Slave
Mode. A logic ‘1’ on this pin selects the Master Mode.(2)
7
TSC
IN
Time Slot Mode Control. This pin is used to select the time slot operating mode. A logic ‘0’ on this pin disables Time Slot Mode. A
logic ‘1’ on this pin enables Time Slot Mode.(2)
8
BCK
I/O
Bit Clock. This pin serves as the bit (or shift) clock for the serial interface. This pin is an input in Slave Mode and an output in Master
Mode.(1)
9
FS
I/O
Frame Sync. This pin serves as the frame synchronization clock for the serial interface. This pin is an input in Slave Mode and an
output in Master Mode.(1)
10
DIN
IN
Serial Data Input. This pin is used to write 16-bit data to the DAC.(1)
11
DOUT
OUT
Serial Data Output. The ADC outputs 16-bit data on this pin.(3)
12
FSO
OUT
Frame Sync Output. Active only when Time Slot Mode is enabled. This pin is set to a high impedance state when Time Slot mode
is disabled (TSC = 0).
13
VDD
—
Digital Power Supply. Used to power the digital section of the ADC and DAC, as well as the serial interface and mode control logic.
This pin is not internally connected to VCC.
14
DGND
—
Digital Ground. Internally connected through the substrate to analog ground.
15
SCKIO
I/O
System Clock Input/Output. This pin is a system clock output when using the crystal oscillator or XTI as the system clock input; when
XTI is connected to ground, this pin is a system clock input.(1)
16
XTO
OUT
Crystal Oscillator Output.
17
XTI
IN
Crystal Oscillator Input or an External System Clock Input.
18
HPFD
IN
High-Pass Filter Disable. When this pin is set to a logic ‘1’, the HPF function in the ADC is disabled.(2)
19
LOOP
IN
ADC-to-DAC Loop-Back Control. When this pin is set to logic ‘1’, the ADC data is fed to the DAC input.(2)
20
PDWN
IN
Power Down and Reset Control. When this pin is logic ‘0’, Power-Down Mode is enabled. The PCM3500 is reset on the rising edge
of this signal.(2)
21
AGND
—
Analog Ground for the DAC Output Signal.
22
VOUT
OUT
Analog Output from the DAC Output Filter.
23
AGND
—
Analog Ground. This is the ground for the internal analog circuitry.
24
VCC
—
Analog Power Supply. Used to power the analog circuitry of the ADC and DAC.
NOTES: (1) Schmitt-Trigger input. (2) Schmitt-Trigger input with an internal pull-down resistor. (3) Tri-state output in Time Slot Mode.
PIN ASSIGNMENTS
V
COM
V
REF1
V
REF2
V
IN
AGND
M/S
TSC
BCK
FS
DIN
DOUT
FSO
V
CC
AGND
V
OUT
AGND
PDWN
LOOP
HPFD
XTI
XTO
SCKIO
DGND
V
DD
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PCM3500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com