Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3500E/2K Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3500E/2K
Description  VOICE/MODEM CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3500E/2K Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM3500E/2K Datasheet HTML 3Page - Texas Instruments PCM3500E/2K Datasheet HTML 4Page - Texas Instruments PCM3500E/2K Datasheet HTML 5Page - Texas Instruments PCM3500E/2K Datasheet HTML 6Page - Texas Instruments PCM3500E/2K Datasheet HTML 7Page - Texas Instruments PCM3500E/2K Datasheet HTML 8Page - Texas Instruments PCM3500E/2K Datasheet HTML 9Page - Texas Instruments PCM3500E/2K Datasheet HTML 10Page - Texas Instruments PCM3500E/2K Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
®
7
PCM3500
TYPICAL PERFORMANCE CURVES (Cont.)
TOTAL HARMONIC DISTORTION + NOISE
vs TEMPERATURE
(T
A = –25°C to +85°C)
Temperature (
°C)
–88
–90
–92
–94
–96
–25
0
25
50
75
100
–50
DYNAMIC RANGE AND SIGNAL-TO-NOISE RATIO
vs TEMPERATURE
(T
A = –25°C to +85°C)
Temperature (
°C)
96
94
92
90
88
–25
0
25
50
75
100
–50
Dynamic Range
SNR
TOTAL HARMONIC DISTORTION + NOISE
vs SUPPLY VOLTAGE
(V
CC = VDD = +2.7V to +3.6V)
Supply Voltage (V)
–88
–90
–92
–94
–96
2.7
3.0
3.3
3.6
3.9
2.4
DYNAMIC RANGE AND SIGNAL-TO-NOISE RATIO
vs SUPPLY VOLTAGE
(V
CC = VDD = +2.7V to +3.6V)
Supply Voltage (V)
96
94
92
90
88
2.7
3.0
3.3
3.6
3.9
2.4
Dynamic Range
SNR
TOTAL HARMONIC DISTORTION + NOISE
vs SAMPLING FREQUENCY
(f
S = 8kHz to 26kHz)
f
S (kHz)
–88
–90
–92
–94
–96
816
24
32
0
BW = 3.4kHz
DYNAMIC RANGE AND SIGNAL-TO-NOISE RATIO
vs SAMPLING FREQUENCY
(f
S = 8kHz to 26kHz)
f
S (kHz)
96
94
92
90
88
816
24
32
0
BW = 3.4kHz
Dynamic Range
SNR
DAC SECTION
DAC CHARACTERISTICS vs TEMPERATURE, SUPPLY, AND SAMPLING FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com