Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4202DBRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM4202DBRG4
Description  Stereo Audio Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4202DBRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM4202DBRG4 Datasheet HTML 17Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 18Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 19Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 20Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 21Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 22Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 23Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 24Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
21
V
REFL
AGNDL
V
COML
V
INL+
V
INL−
FMT0
FMT1
S/M
FS0
FS1
FS2
HPFD
DGND
V
DD
V
REFR
AGNDR
V
COMR
V
INR+
V
INR−
AGND
V
CC
CLIPL
CLIPR
RST
SCKI
LRCK or DSDBCK
BCK or DSDL
DATA or DSDR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PCM4202
+
33
µF
0.1
µF
0.1
µF
+
33
µF
+5V
Right Channel
Analog Input
0.1
µF
33
µF
0.1
µF
Left Channel
Analog Input
Input Buffer
From
Logic,
µP,
or
Hardwired
Connection
0.1
µF
33
µF
0.1
µF
Digital Audio
Transmitter or
Processor
To Clipping
Indicators
To A/D or System Reset
To Audio System Clock
+3.3V
Figure 12. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com