Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4202DBRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM4202DBRG4
Description  Stereo Audio Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4202DBRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM4202DBRG4 Datasheet HTML 9Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 10Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 11Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 12Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 13Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 14Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 15Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 16Page - Texas Instruments PCM4202DBRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
13
ANALOG INPUTS
The PCM4202 includes two channels of A/D conversion,
each with its own pair of differential voltage input pins. The
VINL+ (pin 4) and VINL− (pin 5) inputs correspond to Left
channel input, while VINR+ (pin 25) and VINR− (pin 24)
correspond to the Right channel input. The average input
impedance of each input pin is 3k
Ω.
Each analog input pair accepts a full-scale input voltage of
approximately 6.0VPP differential, which corresponds to a
2.12VRMS or +8.75dBu input swing. The analog input
should not swing below analog ground or above the VCC
power supply by more than 300mV. Refer to the
Applications Information section of this datasheet for an
example input buffer circuit.
VOLTAGE REFERENCES AND COMMON MODE
BIAS VOLTAGE OUTPUTS
The PCM4202 includes two on-chip voltage references,
one each for the Left and Right channels. The VREFL (pin
1) and VREFR (pin 28) outputs correspond to high
reference
outputs
for
Left
and
Right
channels,
respectively. De-coupling capacitors are connected
between each of these pins and the corresponding
reference ground pin, either AGNDL (pin 2) for the VREFL
output or AGNDR (pin 27) for the VREFR output. It is
recommended to have at least a 0.1
µF X7R ceramic chip
capacitor connected in parallel with a 33
µF low ESR
tantalum chip capacitor for de-coupling purposes. The
VREFL and VREFR outputs should not be utilized to bias
external circuitry, because they are not buffered. Use the
VCOML (pin 3) and VCOMR (pin 26) outputs to bias external
circuitry, as described in the following paragraphs.
Refer to the Applications Information section of this
datasheet for the recommended voltage reference pin
connections.
The PCM4202 analog inputs are internally biased to
approximately VCC/2. This bias voltage is referred to as the
common mode voltage, and is output at VCOML (pin 3) and
VCOMR (pin 26), corresponding to the Left and Right
channels, respectively. These outputs provide a level
shifting voltage for biasing external input buffer circuitry.
Although the VCOML and VCOMR outputs are internally
buffered, the output current is limited to a few hundred
µA.
It is recommended to connect these pins to external nodes
with greater than 1M
Ω impedance, or to buffer the outputs
with a voltage follower circuit when driving multiple
external or low impedance nodes.
Refer to the Applications Information section of this
datasheet for an example input buffer circuit that utilizes
the common-mode bias voltage outputs.
SYSTEM CLOCK INPUT
The PCM4202 requires an external system clock, from
which the modulator oversampling and digital sub-system
clocks are derived. The system clock is applied at the
SCKI input (pin 18). The frequency of the system clock is
dependent upon the desired PCM output sampling
frequency or DSD data rate, along with the sampling mode
selection. Table 1 shows the corresponding system clock
frequencies for common output sampling and data rates,
along with the corresponding sampling modes. Timing
requirements for the system clock are shown in Figure 2.
Table 1. System Clock Frequencies for Common Output Sampling and Data Rates
SAMPLING FREQUENCY, fS
SYSTEM CLOCK FREQUENCY (MHz)
SAMPLING MODE
SAMPLING FREQUENCY, fS
(kHz)
128fS
192fS
256fS
384fS
512fS
768fS
Single Rate
32
n/a
n/a
8.192
12.288
16.384
24.576
Single Rate
44.1
n/a
n/a
11.2896
16.9344
22.5792
33.8688
Single Rate
48
n/a
n/a
12.288
18.432
24.576
36.864
Dual Rate
88.2
n/a
n/a
22.5792
33.8688
n/a
n/a
Dual Rate
96
n/a
n/a
24.576
36.864
n/a
n/a
Quad Rate
176.4
22.5792
33.8688
n/a
n/a
n/a
n/a
Quad Rate
192
24.576
36.864
n/a
n/a
n/a
n/a
DSD Output
128fS Data (Single Rate)
n/a
n/a
11.2896
16.9344
22.5792
33.8688
DSD Output
64fS Data (Dual Rate)
n/a
n/a
11.2896
16.9344
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com