Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS16F95J/883 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS16F95J/883
Description  EIA-485/EIA-422A Differential Bus Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS16F95J/883 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS16F95J/883 Datasheet HTML 3Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 4Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 5Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 6Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 7Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 8Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 9Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 10Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MIL-STD 883C
Receiver Switching Characteristics
V
CC = 5.0V
Symbol
Parameter
Conditions
Min
Typ
T
A =
25˚C
T
A =
125˚C
T
A =
−55˚C
Units
Max
Max
Max
t
PLH
Propagation Delay Time,
V
ID = 0V to +3.0V
10
19
27
38
38
ns
Low-to-High Level Output
C
L =15pF, Figure 7
t
PHL
Propagation Delay Time,
10
19
27
38
38
ns
High-to-Low Level Output
t
ZH
Output Enable Time to High Level
C
L =15pF, Figure 8
10
20
30
30
ns
t
ZL
Output Enable Time to Low Level
12
20
30
30
ns
t
HZ
Output Disable Time from High
Level
C
L = 5.0 pF, Figure 8
12
20
30
30
ns
C
L = 20.0 pF, Figure 8
12
30
40
40
ns
(Note 16)
t
LZ
Output Disable Time from Low
Level
C
IL =50pF, Figure 8
12
20
30
30
ns
|t
PLH−tPHL|
Pulse Width Distortion (SKEW)
Figure 7
1.0
8
16
16
ns
Ordering Number:
DS16F95J/883, NS Package Number J08A
DS16F95E/883, NS Package Number E20A
DS16F95W/883, NS Package Number W10A
SMD Number:
DS16F95J/883
↔ 5962-8961501PA
DS16F95W-SMD
↔ 5962-8961501HA
DS16F95E/883
↔ 5962-89615012A
Parameter Measurement Information
DS009629-2
FIGURE 1. Driver V
OD and VOC (Note 15)
DS009629-3
FIGURE 2. Receiver V
OH and VOL
DS009629-4
DS009629-5
tSKEW =|tPLHD–tPHLD|
FIGURE 3. Driver Differential Output Delay and Transition Times (Notes 12, 14)
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com