Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS16F95J/883 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS16F95J/883
Description  EIA-485/EIA-422A Differential Bus Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS16F95J/883 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DS16F95J/883 Datasheet HTML 5Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 6Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 7Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 8Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 9Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 10Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 11Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 12Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Parameter Measurement Information (Continued)
Note 12: The input pulse is supplied by a generator having the following characteristics: PRR = 1.0 MHz, 50% duty cycle, tr ≤ 6.0 ns, tf ≤ 6.0 ns, ZO =50Ω.
Note 13: CL includes probe and stray capacitance.
Note 14: DS16F95/DS36F95 Driver enable is Active-High.
Note 15: All diodes are 1N916 or equivalent.
Note 16: Testing at 20 pF assures conformance to 5 pF specification.
Typical Application
DS009629-14
DS009629-15
DS009629-16
DS009629-17
DS009629-18
FIGURE 8. Receiver Enable and Disable Times (Notes 12, 13, 15)
DS009629-19
The line should be terminated at both ends in its characteristic impedance, typically 120
Ω.
Stub lengths off the main line should be kept as short as possible.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com