Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS310 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS310
Description  MONOLITHIC DUAL NPN TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS310 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS310 Datasheet HTML 1Page - Linear Integrated Systems LS310 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
Linear Integrated Systems 4042 Clipper Court, Fremont, CA 94538 • TEL: (510) 490-9160 • FAX: (510) 353-0261
1
7
35
BOTTOM VIEW
2
6
ELECTRICAL CHARACTERISTICS @ 25
°C (unless otherwise noted)
SYMBOL CHARACTERISTICS
LS310 LS311 LS312 LS313
UNITS CONDITIONS
BV
CBO
Collector to Base Voltage
25
45
60
45
MIN.
V
I
C
= 10
µAI
E
= 0
BV
CEO
Collector to Emitter Voltage
25
45
60
45
MIN.
V
I
C
= 10
µAI
B
= 0
BV
EBO
Emitter-Base Breakdown Voltage
6.2
6.2
6.2
6.2
MIN.
V
I
E
= 10
µAI
C
= 0
NOTE 2
BV
CCO
Collector to Collector Voltage
30
100
100
100
MIN.
V
I
C
= 10
µAI
E
= 0
h
FE
DC Current Gain
150
150
200
400
MIN.
I
C
= 10
µAV
CE
= 5V
1000 MAX.
h
FE
DC Current Gain
150
150
200
400
MIN.
I
C
= 100
µAV
CE
= 5V
h
FE
DC Current Gain
150
150
200
400
MIN.
I
C
= 1mA
V
CE
= 5V
V
CE
(SAT) Collector Saturation Voltage
0.25
0.25
0.25
0.25
MAX.
V
I
C
= 1mA
I
B
= 0.1mA
I
CBO
Collector Cutoff Current
0.2
0.2
0.2
0.2
MAX.
nA
I
E
= 0
V
CB
= NOTE 3
I
EBO
Emitter Cutoff Current
0.2
0.2
0.2
0.2
MAX.
nA
I
E
= 0
V
CB
= 3V
C
OBO
Output Capacitance
2
2
2
2
MAX.
pF
I
E
= 0
V
CB
= 5V
C
C1C2
Collector to Collector Capacitance
2
2
2
2
MAX.
pF
V
CC
= 0
I
C1C2
Collector to Collector Leakage Current
0.5
0.5
0.5
0.5
MAX.
nA
V
CC
= NOTE 4
f
T
Current Gain Bandwidth Product
200
200
200
200
MIN.
MHz
I
C
= 1mA
V
CE
= 5V
NF
Narrow Band Noise Figure
3
3
3
3
MAX.
dB
I
C
= 100
µAV
CE
= 5V
BW = 200Hz, R
G
= 10 K
Ω
f=1KHz
FEATURES
VERY HIGH GAIN
h
FE ≥
200 @ 10
µA-1mA
TIGHT V
BE
MATCHING
|V
BE1
-V
BE2
| = 0.2mV TYP.
HIGH f
T
250MHz TYP. @ 1mA
ABSOLUTE MAXIMUM RATINGS NOTE 1
@ 25
°C (unless otherwise noted)
I
C
Collector Current
10mA
Maximum Temperatures
Storage Temperature
-65
° to +200°C
Operating Junction Temperature
+150
°C
Maximum Power Dissipation
ONE SIDE
BOTH SIDES
Device Dissipation @ Free Air
250mW
500mW
Linear Derating Factor
2.3mW/
°C
4.3mW/
°C
B1
E1
E2
B2
C1
C2
26 X 29 MILS
E1
E2
C1
C2
B1
B2
MONOLITHIC DUAL
NPN
TRANSISTORS
LS310 LS311 LS312 LS313


Similar Part No. - LS310

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
LS310 NJSEMI-LS310 Datasheet
97Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
Micross Components
LS310 MICROSS-LS310 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
logo
First Silicon Co., Ltd
LS310 FS-LS310 Datasheet
132Kb / 2P
Schottky Rectifier
logo
BOWIN ELECTRONIC CO.
LS3101 BOWIN-LS3101 Datasheet
63Kb / 7P
Simple LCD micro-controller
LS3102 BOWIN-LS3102 Datasheet
69Kb / 8P
Simple LCD micro-controller
More results

Similar Description - LS310

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3250 LINEAR-3250 Datasheet
298Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LS301-3 LINEAR-LS301-3 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
LS318 LINEAR-LS318 Datasheet
29Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LSIT120-2 LINEAR-LSIT120-2 Datasheet
28Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LSIT124 LINEAR-LSIT124 Datasheet
28Kb / 2P
SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
LS310 NJSEMI-LS310 Datasheet
97Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
Linear Integrated Syste...
LS301 LINEAR-LS301_14 Datasheet
178Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
LS310 LINEAR-LS310_14 Datasheet
360Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LS318 LINEAR-LS318_14 Datasheet
286Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LS3250 LINEAR-LS3250_14 Datasheet
291Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com