Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2232AMA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2232AMA/NOPB
Description  Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2232AMA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMP2232AMA/NOPB Datasheet HTML 1Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 2Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 3Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 4Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 5Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 6Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 7Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 8Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
ADC121S021
IN
V
+
LM4140A
6
2
1,4,7,8
3
V
+
1 PF
+
-
0.1 PF
10 PF
VA
V
+
+
-
+
-
-
+
12 k:
10 k:
40 k:
½
LMP2232
R+'R
R+'R
R
R
V
+
V
+
V
+
12 k:
10 k:
40 k:
1 k:
½
LMP2232
GND
½
LMP2232
½
LMP2232
LMP2232
SNOSB02C – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
Typical Application
Figure 1. Strain Gauge Bridge Amplifier
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
100V
Differential Input Voltage
±300 mV
Supply Voltage (VS = V
+ - V–)
6V
Voltage on Input/Output Pins
V+ + 0.3V, V– – 0.3V
Storage Temperature Range
−65°C to 150°C
Junction Temperature (4)
150°C
Mounting Temperature
Infrared or Convection (20 sec.)
+235°C
Wave Soldering Lead Temperature (10 sec.)
+260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur. Operating Ratings indicate conditions for which the device
is intended to be functional, but specific performance is not ensured. For ensured specifications and test conditions, see the Electrical
Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMP2232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com