Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2232AMA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2232AMA/NOPB
Description  Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2232AMA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP2232AMA/NOPB Datasheet HTML 6Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 7Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 8Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 9Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 10Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 11Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 12Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 13Page - Texas Instruments LMP2232AMA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
-0.2
0.2
0.6
1
1.4
1.8
-250
-150
-50
50
150
250
VCM (V)
VS = 2.5V
-40°C
25°C
85°C
125°C
2.2
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VCM (V)
-250
-150
-50
50
150
250
-40°C
25°C
85°C
125°C
VS = 1.8V
-0.2 0.2
0.6
1
1.4
1.8
2.2
2.6
3
-250
-150
-50
50
150
250
VCM (V)
-40°C
25°C
85°C
125°C
VS = 3.3V
-0.2
0.8
1.8
2.8
3.8
-250
-150
-50
50
250
VCM (V)
150
4.3
85°C
25°C
125°C
-40°C
VS = 5V
-150
-100
-50
0
50
100
150
VOS (PV)
0
2
4
6
8
10
12
VS = 1.8V
TA = 25°C
VCM = VS/2
-2.5 -2 -1.5 -1 -0.5 0
0.5
1
1.5
2
2.5
0
5
10
15
20
25
TCVOS (PV/°C)
VS = 1.8V
VCM = VS/2
-40°C
d TA d 125°C
LMP2232
SNOSB02C – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise Specified: TA = 25°C, VS = 5V, VCM = VS/2, where VS = V
+ - V−
Offset Voltage Distribution
TCVOS Distribution
Figure 9.
Figure 10.
Offset Voltage vs. VCM
Offset Voltage vs. VCM
Figure 11.
Figure 12.
Offset Voltage vs. VCM
Offset Voltage vs. VCM
Figure 13.
Figure 14.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMP2232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com