Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2232AMM/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2232AMM/NOPB
Description  Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2232AMM/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP2232AMM/NOPB Datasheet HTML 17Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 18Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 19Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 20Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 21Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 22Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 23Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 24Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ADC121S021
IN
V
+
LM4140A
6
2
1,4,7,8
3
V
+
1 PF
+
-
0.1 PF
10 PF
VA
V
+
+
-
+
-
-
+
12 k:
10 k:
40 k:
½
LMP2232
R+'R
R+'R
R
R
V
+
V
+
V
+
12 k:
10 k:
40 k:
1 k:
½
LMP2232
GND
½
LMP2232
½
LMP2232
EXCITATION
SOURCE
R1
R2
R3
R4
VOUT
(a)
VOUT
1 +
R3
R1
¨
¨
©
§
1 +
R4
R2
¨
¨
©
§
R3
R1
-
R4
R2
x VSOURCE
=
EXCITATION
SOURCE
R + 'R
R - 'R
R - 'R
R + 'R
VOUT
(b)
VOUT =
'R
R
x VSOURCE
LMP2232
www.ti.com
SNOSB02C – JANUARY 2008 – REVISED MARCH 2013
Figure 50(a) shows a typical bridge sensor and Figure 50(b) shows the bridge with four sensors. R in
Figure 50(b) is the nominal value of the sense resistor and the deviations from R are proportional to the quantity
being measured.
Figure 50. Bridge Sensor
Instrumentation amplifiers are great for interfacing with bridge sensors. Bridge sensors often sense a very small
differential signal in the presence of a larger common mode voltage. Instrumentation amplifiers reject this
common mode signal.
Figure 51 shows a strain gauge bridge amplifier. In this application one of the LMP2232 amplifiers is used to
buffer the LM4140A's precision output voltage. The LM4140A is a precision voltage reference. The other three
amplifiers in the LMP2232 are used to form an instrumentation amplifier. This instrumentation amplifier uses the
LMP2232's high CMRR and low VOS and TCVOS to accurately amplify the small differential signal generated by
the output of the bridge sensor. This amplified signal is then fed into the ADC121S021 which is a 12-bit analog to
digital converter. This circuit works on a single supply voltage of 5V.
Figure 51. Strain Gage Bridge Amplifier
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP2232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com