Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2232AMM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2232AMM/NOPB
Description  Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2232AMM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMP2232AMM/NOPB Datasheet HTML 1Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 2Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 3Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 4Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 5Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 6Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 7Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 8Page - Texas Instruments LMP2232AMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LMP2232
SNOSB02C – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
5V AC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
GBW
Gain-Bandwidth Product
CL = 20 pF, RL = 10 kΩ
130
kHz
SR
Slew Rate
AV = +1
Falling Edge
33
58
32
V/ms
Rising Edge
33
48
32
θ m
Phase Margin
CL = 20 pF, RL = 10 kΩ
68
deg
Gm
Gain Margin
CL = 20 pF, RL = 10 kΩ
27
dB
en
Input-Referred Voltage Noise Density
f = 1 kHz
60
nV/
√Hz
Input Referred Voltage Noise
0.1 Hz to 10 Hz
2.3
μVPP
in
Input-Referred Current Noise
f = 1 kHz
10
fA/
√Hz
THD+N
Total Harmonic Distortion + Noise
f = 100 Hz, RL = 10 kΩ
0.002
%
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond which the
device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
3.3V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for T A = 25°C, V
+ = 3.3V, V− = 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset Voltage
±10
±160
μV
±250
TCVOS
Input Offset Voltage Drift
LMP2232A
±0.3
±0.5
μV/°C
LMP2232B
±0.3
±2.5
IBIAS
Input Bias Current
0.02
±3
pA
±125
IOS
Input Offset Current
5
fA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 2.3V
79
92
dB
77
PSRR
Power Supply Rejection Ratio
1.6V
≤ V+ ≤ 5.5V
83
120
dB
V− = 0V, VCM = 0V
83
CMRR
≥ 78 dB
−0.2
2.5
CMVR
Common Mode Voltage Range
V
CMRR
≥ 77 dB
−0.2
2.5
VO = 0.3V to 3V
108
AVOL
Large Signal Voltage Gain
120
dB
RL = 10 kΩ to V
+/2
107
VO
Output Swing High
RL = 10 kΩ to V
+/2
14
50
mV
VIN(diff) = 100 mV
50
from either
RL = 10 kΩ to V
+/2
50
rail
Output Swing Low
14
VIN(diff) = −100 mV
50
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond which the
device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMP2232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com