Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7707MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7707MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7707MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP7707MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
+
-
VOUT
VIN
RISO
CL
R1
R2
LMP7707, LMP7708, LMP7709
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
LMP7707/LMP7708/LMP7709
The LMP7707/LMP7708/LMP7709 devices are single, dual and quad low offset voltage, rail-to-rail input and
output precision amplifiers each with a CMOS input stage and the wide supply voltage range of 2.7V to 12V. The
LMP7707/LMP7708/LMP7709 have a very low input bias current of only ±200 fA at room temperature.
The wide supply voltage range of 2.7V to 12V over the extensive temperature range of
−40°C to 125°C makes
either the LMP7707, LMP7708 or LMP7709 an excellent choice for low voltage precision applications with
extensive temperature requirements.
The LMP7707/LMP7708/LMP7709 have only ±37 µV of typical input referred offset voltage and this offset is
ensured to be less than ±500 µV for the single and ±520 µV for the dual and quad over temperature. This
minimal offset voltage allows more accurate signal detection and amplification in precision applications.
The low input bias current of only ±200 fA along with the low input referred voltage noise of 9 nV/
√Hz give the
LMP7707/LMP7708/LMP7709 superior qualities for use in sensor applications. Lower levels of noise introduced
by the amplifier mean better signal fidelity and a higher signal-to-noise ratio.
The LMP7707/LMP7708/LMP7709 are stable for a gain of 6 or higher. With proper compensation though, the
LMP7707, LMP7708 or LMP7709 can be operational at a gain of ±1 and still maintain much faster slew rates
than comparable fully compensated amplifiers. The increase in bandwidth and slew rate is obtained without any
additional power consumption.
Texas Instruments is heavily committed to precision amplifiers and the market segment they serve. Technical
support and extensive characterization data is available for sensitive applications or applications with a
constrained error budget.
The LMP7707 is offered in the space-saving 5-pin SOT-23 and 8-pin SOIC packages, the LMP7708 comes in the
8-pin VSSOP and 8-pin SOIC packages, and the LMP7709 is offered in the 14-pin TSSOP and 14-pin SOIC
packages. These small packages are ideal solutions for area constrained PC boards and portable electronics.
CAPACITIVE LOAD
The LMP7707/LMP7708/LMP7709 devices can each be connected as a non-inverting voltage follower. This
configuration is the most sensitive to capacitive loading.
The combination of a capacitive load placed on the output of an amplifier along with the amplifier’s output
impedance creates a phase lag which in turn reduces the phase margin of the amplifier. If the phase margin is
significantly reduced, the response will be either underdamped or it will oscillate.
In order to drive heavier capacitive loads, an isolation resistor, RISO, as shown in the circuit in Figure 45 should
be used. By using this isolation resistor, the capacitive load is isolated from the amplifier’s output, and hence, the
pole caused by CL is no longer in the feedback loop. The larger the value of RISO, the more stable the output
voltage will be. If values of RISO are sufficiently large, the feedback loop will be stable, independent of the value
of CL. However, larger values of RISO result in reduced output swing and reduced output current drive.
Figure 45. Isolating Capacitive Load
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com