Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7707MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7707MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7707MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMP7707MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
'
AOL
Gmin
fd
f1
fu
f2
fu
fGBWP
UNITY-GAIN STABLE OP AMP
DECOMPENSATED OP AMP
LMP7707, LMP7708, LMP7709
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
www.ti.com
Open Loop Frequency Response
Figure 1. Increased Bandwidth for Same Supply Current at AV> 10
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Human Body Model
2000V
ESD Tolerance(3)
Machine Model
200V
Charge Device Model
1000V
VIN Differential
±300 mV
Supply Voltage (VS = V
+ – V−)
13.2V
Voltage at Input/Output Pins
V++ 0.3V to V−
− 0.3V
Input Current
10 mA
Storage Temperature Range
−65°C to +150°C
Junction Temperature(4)
+150°C
Infrared or Convection (20 sec)
235°C
Soldering Information
Wave Soldering Lead Temp. (10 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Operating Ratings
(1)
Temperature Range(2)
−40°C to +125°C
Supply Voltage (VS = V
+ – V−)
2.7V to 12V
5-Pin SOT-23
265°C/W
8-Pin SOIC
190°C/W
Package Thermal Resistance (
θJA)
(2)
8-Pin VSSOP
235°C/W
14-Pin TSSOP
122°C/W
14-Pin SOIC
145°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics tables.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com