Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91000 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91000
Description  Sensor AFE System
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91000 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP91000 Datasheet HTML 17Page - Texas Instruments LMP91000 Datasheet HTML 18Page - Texas Instruments LMP91000 Datasheet HTML 19Page - Texas Instruments LMP91000 Datasheet HTML 20Page - Texas Instruments LMP91000 Datasheet HTML 21Page - Texas Instruments LMP91000 Datasheet HTML 22Page - Texas Instruments LMP91000 Datasheet HTML 23Page - Texas Instruments LMP91000 Datasheet HTML 24Page - Texas Instruments LMP91000 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
D7
D6
D5
D4
D3
D2
D1
D0
1
9
Ack
by
LMP91000
Start by
Master
No Ack
by
Master
SCL
SDA
Stop
by
Master
1
9
Frame 1
Serial Bus Address Byte
from Master
Frame 2
Data Byte from
Slave
R/W
A2
A0
A1
A3
A4
A5
A6
MENB
D7
D6
D5
D4
D3
D2
D1
D0
1
9
1
9
Ack
by
LMP91000
Start by
Master
R/W
Ack
by
LMP91000
Frame 1
Serial Bus Address Byte
from Master
Frame 2
Internal Address Register
Byte from Master
A2
A0
A1
A3
A4
A5
A6
SCL
SDA
Stop by
Master
MENB
LMP91000
www.ti.com
SNAS506I – JANUARY 2011 – REVISED DECEMBER 2014
Programming (continued)
Figure 28. Pointer Set Transaction
Figure 29. Register Read Transaction
7.6 Registers Maps
The registers are used to configure the LMP91000.
If writing to a reserved bit, user must write only 0. Readback value is unspecified and should be discarded.
Table 2. Register Map
Address
Name
Power on default
Access
Lockable?
0x00
STATUS
0x00
Read only
No
0x01
LOCK
0x01
R/W
No
0x02 through 0x09
RESERVED
—
—
—
0x10
TIACN
0x03
R/W
Yes
0x11
REFCN
0x20
R/W
Yes
0x12
MODECN
0x00
R/W
No
0x13 through 0xFF
RESERVED
—
—
—
7.6.1 STATUS -- Status Register (Address 0x00)
The status bit is an indication of the LMP91000's power-on status. If its readback is “0”, the LMP91000 is not
ready to accept other I2C commands.
Bit
Name
Function
[7:1]
RESERVED
Status of Device
0
STATUS
0 Not Ready (default)
1 Ready
7.6.2 LOCK -- Protection Register (Address 0x01)
The lock bit enables and disables the writing of the TIACN and the REFCN registers. In order to change the
content of the TIACN and the REFCN registers the lock bit needs to be set to “0”.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP91000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com