Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91000 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91000
Description  Sensor AFE System
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP91000 Datasheet HTML 9Page - Texas Instruments LMP91000 Datasheet HTML 10Page - Texas Instruments LMP91000 Datasheet HTML 11Page - Texas Instruments LMP91000 Datasheet HTML 12Page - Texas Instruments LMP91000 Datasheet HTML 13Page - Texas Instruments LMP91000 Datasheet HTML 14Page - Texas Instruments LMP91000 Datasheet HTML 15Page - Texas Instruments LMP91000 Datasheet HTML 16Page - Texas Instruments LMP91000 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
I2C INTERFACE
AND
CONTROL
REGISTERS
RE
VREF
VDD
AGND
CE
WE
VOUT
C1
SCL
TEMP
SENSOR
VREF
DIVIDER
C2
SDA
RLoad
VARIABLE
BIAS
MENB
DGND
A1
+
-
TIA
+
-
RTIA
CE
WE
RE
3-Lead
Electrochemical
Cell
LMP91000
LMP91000
www.ti.com
SNAS506I – JANUARY 2011 – REVISED DECEMBER 2014
7 Detailed Description
7.1 Overview
The LMP91000 is a programmable AFE for use in micropower chemical sensing applications. The LMP91000 is
designed for 3-lead single gas sensors and for 2-lead galvanic cell sensors. This device provides all of the
functionality for detecting changes in gas concentration based on a delta current at the working electrode. The
LMP91000 generates an output voltage proportional to the cell current. Transimpedance gain is user
programmable through an I2C compatible interface from 2.75 k
Ω to 350 kΩ making it easy to convert current
ranges from 5 µA to 750 µA full scale. Optimized for micro-power applications, the LMP91000 AFE works over a
voltage range of 2.7 V to 5.25 V. The cell voltage is user selectable using the on board programmability. In
addition, it is possible to connect an external transimpedance gain resistor. A temperature sensor is embedded
and it can be power cycled through the interface. The output of this temperature sensor can be read by the user
through the VOUT pin. It is also possible to have both temperature output and output of the TIA at the same
time; the pin C2 is internally connected to the output of the transimpedance (TIA), while the temperature is
available at the VOUT pin. Depending on the configuration, total current consumption for the device can be less
than 10 µA. For power savings, the transimpedance amplifier can be turned off and instead a load impedance
equivalent to the TIA’s inputs impedance is switched in.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Potentiostat Circuitry
The core of the LMP91000 is a potentiostat circuit. It consists of a differential input amplifier used to compare the
potential between the working and reference electrodes to a required working bias potential (set by the Variable
Bias circuitry). The error signal is amplified and applied to the counter electrode (through the Control Amplifier
- A1). Any changes in the impedance between the working and reference electrodes will cause a change in the
voltage applied to the counter electrode, in order to maintain the constant voltage between working and
reference electrodes. A Transimpedance Amplifier connected to the working electrode, is used to provide an
output voltage that is proportional to the cell current. The working electrode is held at virtual ground (Internal
ground) by the transimpedance amplifier. The potentiostat will compare the reference voltage to the desired bias
potential and adjust the voltage at the counter electrode to maintain the proper working-to-reference voltage.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP91000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com