Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7720 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRP7720
Description  Quad Output Universal Customizable PMIC with PFM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7720 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRP7720 Datasheet HTML 17Page - Exar Corporation XRP7720 Datasheet HTML 18Page - Exar Corporation XRP7720 Datasheet HTML 19Page - Exar Corporation XRP7720 Datasheet HTML 20Page - Exar Corporation XRP7720 Datasheet HTML 21Page - Exar Corporation XRP7720 Datasheet HTML 22Page - Exar Corporation XRP7720 Datasheet HTML 23Page - Exar Corporation XRP7720 Datasheet HTML 24Page - Exar Corporation XRP7720 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
X
XR
RP
P7
77
72
20
0
Q
Qu
ua
ad
d O
Ou
uttp
pu
utt U
Un
niiv
ve
errs
sa
all C
Cu
us
stto
om
miiz
za
ab
blle
e P
PM
MIIC
C w
wiitth
h P
PF
FM
M
© 2014 Exar Corporation
21/28
Rev. 1.0.0
OCP
A user defined OCP fault level is set with
10mA increments in PA 5.1. PA 5.1 uses
calculations to give the user the approximate
DC output current entered in the current limit
field.
However the actual current limit trip
value programmed into the part is limited to
280mV
as
defined
in
the
electrical
characteristics. The maximum value the user
can program is limited by Rdson of the
synchronous
Power
FET
and
current
monitoring ADC range. For example, using a
synchronous FET with Rdson of 30mΩ and
wider ADC range the maximum current limit
programmed would be:
������������ ������������(����) =
280��������
30����Ω
= 9.33����
The current is sampled approximately 30ns
before the low side MOSFET turns off so the
actual measured DC output current in this
example would be 9.33A plus approximately
half the inductor ripple.
An OCP Fault is considered to have occurred
only if the fault threshold has been tripped in
four consecutive switching cycles. When the
switching frequency is set to the 4x multiplier
the current is sampled every other cycle. As
a result it can take as many as 8 switching
cycles for an over current event to be
detected.
When operating in 4x mode an
inductor with a soft saturation characteristic is
recommended.
In addition, OCP fault can be monitored
through HW Flags on GPIO0. The OCP
warning level is calculated by PA 5.1 as 85%
of the OCP fault level.
A user can choose one of three options in
response to an OCP event: shut down the
faulting channel, shut down faulting channel
and perform auto-restart of the channel, or
restart the chip.
The output current reported by the XRP7720
is processed through a 7 sample median filter
in order to reduce noise.
The OCP limit is
compared against unfiltered ADC output.
In the case of Shutdown and Auto-restart
Channel the user has an option to specify
startup timeout (the time in which the fault is
validated) and hiccup timeout (the period
after which the controller will try to restart
the channel) periods in 1 msec increments
with a maximum value of 255 msec.
Note: The Channel Fault Action response is
the same for either the OVP or OCP event.
Start-up Time-out Fault
A channel will be at Start-up Time-out Fault if
it does not come-up in a time period specified
in the “Startup Timeout” box. In addition a
channel is at Start-up Timeout Fault if its pre-
bias configuration voltage is within a defined
value too close to the target.
LDO5 OCP
When current is drawn from the LDO5 that
exceeds the LDO5 current limit the controller
will be reset.
V5EXT SWITCHOVER
The V5EXT gives the user an opportunity to
supply an external 5 Volt rail to the controller
in order to reduce the controller’s power
dissipation. The 5 Volt rail can be an
independent power rail present in a system or
any of 7720 channels regulated to 5 Volts and
routed back to the V5EXT pin. It is important
to note that voltage to Vcc must be applied all
the time even after the switchover, in which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com