Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7720 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP7720
Description  Quad Output Universal Customizable PMIC with PFM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7720 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP7720 Datasheet HTML 3Page - Exar Corporation XRP7720 Datasheet HTML 4Page - Exar Corporation XRP7720 Datasheet HTML 5Page - Exar Corporation XRP7720 Datasheet HTML 6Page - Exar Corporation XRP7720 Datasheet HTML 7Page - Exar Corporation XRP7720 Datasheet HTML 8Page - Exar Corporation XRP7720 Datasheet HTML 9Page - Exar Corporation XRP7720 Datasheet HTML 10Page - Exar Corporation XRP7720 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
X
XR
RP
P7
77
72
20
0
Q
Qu
ua
ad
d O
Ou
uttp
pu
utt U
Un
niiv
ve
errs
sa
all C
Cu
us
stto
om
miiz
za
ab
blle
e P
PM
MIIC
C w
wiitth
h P
PF
FM
M
© 2014 Exar Corporation
7/28
Rev. 1.0.0
PWM GENERATORS AND OSCILLATOR
Parameter
Min.
Typ.
Max.
Units
Conditions
Switching Frequency (fsw)
Range
105
1230
kHz
Steps defined in table
fsw Accuracy
–5
5
%
GPIOS3
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Pin Low Level
0.8
V
Input Pin High Level
2.0
V
Input Pin Leakage Current
1
µA
Output Pin Low Level
0.4
V
ISINK = 1mA
Output Pin High Level
2.4
V
ISOURCE = 1mA
Output Pin High Level
3.3
3.6
V
ISOURCE = 0mA
Output Pin High-Z leakage
Current (GPIO pins only)
10
µA
Maximum Sink Current
1
mA
Open Drain Mode
I/O Frequency
30
MHz
Note 3: 3.3V CMOS logic compatible, 5V tolerant.
PSIOS4
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Pin Low Level
0.8
V
Input Pin High Level
2.0
V
Input Pin Leakage Current
1
µA
Output Pin Low Level
0.4
V
ISINK = 3mA
Output Pin High Level
15
V
Open Drain. External pull-up resistor to
user supply
Output Pin High-Z leakage
Current (PSIO pins only)
10
µA
I/O Frequency
5
MHz
Note 4: 3.3V/5.0V CMOS logic compatible, maximum rating of 15.0V
GATE DRIVERS
Parameter
Min.
Typ.
Max.
Units
Conditions
GH, GL Rise Time
17
ns
At 10-90% of full scale, 1nF Cload
GH, GL Fall Time
11
ns
GH, GL Pull-Up On-State Output
Resistance
4
5
Ω
GH, GL Pull-Down On-State
Output Resistance
2
2.5
Ω
GH, GL Pull-Down Resistance in
Off-Mode
50
kΩ
VCC = VCCD = 0V.
Bootstrap diode forward
resistance
9
Ω
@ 10mA
Minimum On Time
50
ns
1nF of gate capacitance
Minimum Off Time
125
ns
1nF of gate capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com