Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEP913 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEP913
Description  xDSL Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP913 Datasheet(HTML) 1 Page - Sumida Corporation

  CEP913 Datasheet HTML 1Page - Sumida Corporation CEP913 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
xDSL Transformer< SMD Type: CEP Series>
Type: CEP913
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
◆ Product Description
・10.0×10.0mm Max.(L×W),13.5mm Max. Height.
・Custom design is available.
◆
◆
◆
◆
Feature
・Max. operating frequency :30MHz.
・Storage temperature range:-40℃~+85℃.
・Operating temperature range: -40 ~+
℃ 85 (including coil’s self
℃
temperature rise).
・Product weight:3.41 g(Ref.).
・Ideally used in ADSL2+ & VDSL2+ CEP Modems.
・RoHS Compliance.
◆ Dimensions (mm)
* “
” Adhesive
* “ ” White point indicates pin#1.
* Terminals should be measured excluding the length of the soldered point.
◆
◆
◆
◆
Land Pattern (mm)
◆
◆
◆
◆
Schematics(Bottom)
10.0 Max.
10.0 Max.
J14116
Date Code
CN
sumida
13.5 Max.
6x2.5
±0.25
8x0.6
±0.2
1
4
8
5
1
8
4
5
1.2
11.0
2.6
2.5
8.7
7.5
Chi
Chi
Chi
Chi
1
3
2
4
6
7
5
8
Line
Chip


Similar Part No. - CEP913

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP911 SUMIDA-CEP911 Datasheet
39Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP912 SUMIDA-CEP912 Datasheet
43Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
More results

Similar Description - CEP913

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-885G RHOMBUS-IND-T-885G Datasheet
35Kb / 1P
xDSL Transformer
T-1188G RHOMBUS-IND-T-1188G Datasheet
41Kb / 1P
xDSL Transformer
logo
XFMRS Inc.
XF1313-37HDS XFMRS-XF1313-37HDS Datasheet
48Kb / 1P
XDSL TRANSFORMER
XF0144-EP16S XFMRS-XF0144-EP16S Datasheet
56Kb / 1P
XDSL TRANSFORMER
logo
LinkCom Manufacturing C...
LAL0520-60 LINKCOM-LAL0520-60 Datasheet
69Kb / 1P
xDSL Transformer
LAL0562-80 LINKCOM-LAL0562-80 Datasheet
67Kb / 1P
xDSL Transformer
LAL0562-88 LINKCOM-LAL0562-88 Datasheet
71Kb / 1P
xDSL Transformer
LAL0576-60 LINKCOM-LAL0576-60 Datasheet
71Kb / 1P
xDSL Transformer
LAL1038-60R LINKCOM-LAL1038-60R Datasheet
72Kb / 1P
xDSL Transformer
LAL2200-50 LINKCOM-LAL2200-50 Datasheet
127Kb / 1P
xDSL Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com