Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEP913 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CEP913
Description  xDSL Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP913 Datasheet(HTML) 2 Page - Sumida Corporation

  CEP913 Datasheet HTML 1Page - Sumida Corporation CEP913 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
xDSL Transformer< SMD Type: CEP Series>
Type: CEP913
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification (Part No. : J14116)
Characteristics
Limits
Measuring conditions
Inductance(Ls)
(1-4)
470µH±10
%
10kHz,0.1V,(2+3)Shorted
Turns ratio(T/R)
(1-4):(8-5)
1.333:1 (±1
%)
100kHz,0.1V[(2+3),(6+7)]Shorted
Total harmonic distortion(THD)
-80dB Max.
30kHz,2.0Vrms
Leakage inductance(LL)
(1-4)
1.0µH Max.
1MHz,0.1V,[(2+3),(5+6+7+8)]Shorted
Longitudinal balance(LB)
(1-4)
40dB Typ.
138kH
~12MHz,(2+3)Shorted,(6+7)Grounded
D.C.R.
(1-4)
1.3
Max.
(2+3)Shorted
D.C.R.
(8-5)
1.0
Max.
(6+7)Shorted
Inter winding capacitance(Cww)
(1-8)
130pF Max.
100kHz,0.1V,[(2+3),(6+7)]Shorted
Hi-Pot
(1-8)
1875Vrms
1Sec. 0.5mA [(2+3),(6+7)]Shorted



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com