Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108IADCPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108IADCPR
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108IADCPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS3108IADCPR Datasheet HTML 25Page - Texas Instruments TAS3108IADCPR Datasheet HTML 26Page - Texas Instruments TAS3108IADCPR Datasheet HTML 27Page - Texas Instruments TAS3108IADCPR Datasheet HTML 28Page - Texas Instruments TAS3108IADCPR Datasheet HTML 29Page - Texas Instruments TAS3108IADCPR Datasheet HTML 30Page - Texas Instruments TAS3108IADCPR Datasheet HTML 31Page - Texas Instruments TAS3108IADCPR Datasheet HTML 32Page - Texas Instruments TAS3108IADCPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
www.ti.com
S
Start
(By Master)
TAS3108/
TAS3108IA
Address
Acknowledge
(By TAS3108/
TAS3108IA)
7-Bit Slave
Address
(By Master)
W
Write
(By Master)
ACK
Subaddress
TAS3108/
TAS3108IA
Subaddress
(By Master)
Acknowledge
(By TAS3108/
TAS3108IA)
ACK
S
Stop
(By Master)
S
Start
(By Master)
TAS3108/
TAS3108IA
Address
Acknowledge
(By TAS3108/
TAS3108IA)
7-Bit Slave
Address
(By Master)
R
Read
(By Master)
ACK
Data
Data
(By TAS3108/
TAS3108IA)
ACK
Data
Data
(By TAS3108/
TAS3108IA)
Acknowledge
(By Master)
ACK
Acknowledge
(By Master)
S
Stop
(By Master)
NAK
No Acknowledge
(By Master)
S
Start
(By Master)
TAS3108/
TAS3108IA
Address
Acknowledge
(By TAS3108/
TAS3108IA)
7-Bit Slave
Address
(By Master)
W
Write
(By Master)
ACK
Data
Data
(By Master)
ACK
Data
Data
(By Master)
ACK
S
Stop
(By Master)
ACK
Subaddress
TAS3108/
TAS3108IA
Subaddress
(By Master)
Acknowledge
(By TAS3108/
TAS3108IA)
ACK
Acknowledge
(By TAS3108/
TAS3108IA)
Acknowledge
(By TAS3108/
TAS3108IA)
Acknowledge
(By TAS3108/
TAS3108IA)
I2C Write Transaction
I2C Read Transaction
R0006−01
6.2 Detailed I
2C Operation
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
Figure 6-2. I2C Subaddress Access Protocol
The I2C slave mode is the mode that is used to change configuration parameters during operation and to
perform program and coefficient downloads from a master device. The latter can be used to replace the
I2C master-mode EEPROM download. The TAS3108/TAS3108IA supports both random and sequential
I2C transactions. The TAS3108/TAS3108IA I2C slave address is 011010xy, where the first six bits are the
TAS3108/TAS3108IA device address and bit x is CS0, which is set by the TAS3108/TAS3108IA internal
microprocessor at power up. Bit y is the R/W bit. The pulldown resistance of CS0 creates a default 00
address when no connection is made to the pin. Table 6-1 and Table 6-2 show all the legal addresses for
I2C slave and master modes.
The TAS3108/TAS3108IA I2C block does respond to the broadcast address (00h).
Table 6-1. Slave Addresses
BASE ADDRESS
CS0
R/W
SLAVE ADDRESS
0110 10
0
0
0x68
0110 10
0
1
0x69
0110 10
1
0
0x6A
0110 10
1
1
0x6B
Submit Documentation Feedback
Microprocessor Controller
29
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com