Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108IADCPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108IADCPR
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108IADCPR Datasheet(HTML) 3 Page - Texas Instruments

  TAS3108IADCPR Datasheet HTML 1Page - Texas Instruments TAS3108IADCPR Datasheet HTML 2Page - Texas Instruments TAS3108IADCPR Datasheet HTML 3Page - Texas Instruments TAS3108IADCPR Datasheet HTML 4Page - Texas Instruments TAS3108IADCPR Datasheet HTML 5Page - Texas Instruments TAS3108IADCPR Datasheet HTML 6Page - Texas Instruments TAS3108IADCPR Datasheet HTML 7Page - Texas Instruments TAS3108IADCPR Datasheet HTML 8Page - Texas Instruments TAS3108IADCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
www.ti.com
2
Functional Description
2.1 Device Description
Microprocessor Core
Data
Path
Memory
Interface
Volume
Update
8
54
28
Audio DSP Core
Serial
Audio
Port
Controller
28
28
48
I2C
Control
Interface
8
8
SDIN1
SDIN2
SDOUT1
8 Channels
8 Channels
SDIN3
SDIN4
SDOUT2
SDOUT3
SDOUT4
48
Coef.
RAM
(1022 y 28)
Data
RAM
(1022 y 48)
Code
RAM
(3K y 54)
Clock
Control
MCLK
LRCLK
SCLKIN
SCLKOUT1
SCLKOUT2
Delay
Memory
(5.8K y 24)
2ySDA
2ySCL
CSO
GPIO
Internal
Data RAM
(256 y 8)
Code
RAM
(12K y 8)
External
Data RAM
(2048 y 8)
Code
ROM
8-Bit
MCU
(8051)
Control
Registers
B0075-01
Power Supply
AVDD
DVDD
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
The TAS3108 and TAS3108IA are fully programmable high-performance audio processors. The devices
use an efficient, custom, multi-instruction programming environment optimized for digital audio processing
algorithms. The TAS3108/TAS3108IA architecture provides high-quality audio processing by using a 48-bit
data path, 28-bit filter coefficients, and a single-cycle 28
× 48-bit multiplier with a 76-bit accumulator. An
embedded 8051 microprocessor provides algorithm and data control for the TAS3108/TAS3108IA. The
TAS3108 is the commercial version intended for home audio and other commercial applications. The
TAS3108IA is the automotive version that is qualified for use in automotive applications.
Figure 2-1. Expanded TAS3108/TAS3108IA Functional Block Diagram
Submit Documentation Feedback
Functional Description
3
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com