Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP85NP-R80MC-50 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP85NP-R80MC-50
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP85NP-R80MC-50 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP85NP-R80MC-50 Datasheet HTML 1Page - Sumida Corporation CDEP85NP-R80MC-50 Datasheet HTML 2Page - Sumida Corporation CDEP85NP-R80MC-50 Datasheet HTML 3Page - Sumida Corporation CDEP85NP-R80MC-50 Datasheet HTML 4Page - Sumida Corporation CDEP85NP-R80MC-50 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP85
※1. Measuring condition: at 100 kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 75% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
Electrical characteristics - Standard Type
6.5
3.3(4.1)
3.8(4.8)
15.1(12.6)
7.1
μH±20%
7R1MS
CDEP85NP-7R1MC-88
7.5
3.6(4.5)
4.3(5.4)
11.7(9.8)
5.6
μH±20%
5R6MS
CDEP85NP-5R6MC-88
8.3
4.1(5.1)
5.0(6.2)
9.8(8.2)
4.3
μH±20%
4R3MS
CDEP85NP-4R3MC-88
9.7
5.0(6.2)
5.8(7.2)
8.1(6.8)
3.2
μH±20%
3R2MS
CDEP85NP-3R2MC-88
10.8
5.8(7.3)
7.0(8.7)
7.0(5.9)
2.2
μH±20%
2R2MS
CDEP85NP-2R2MC-88
13.5
7.6(9.5)
8.8(11.0)
4.8(4.0)
1.4
μH±20%
1R4MS
CDEP85NP-1R4MC-88
17.0
10.0(12.5)
11.4(14.2)
3.4(2.8)
0.8
μH±20%
R80MS
CDEP85NP-R8ØMC-88
18.0
15.2(19.0)
18.4(23.0)
2.5(2.1)
0.35
μH±20%
R35MS
CDEP85NP-R35MC-88
(at105
℃)
(at 20
℃)
Temperature
Rise current
(A)
※3
Saturation
current
(A)
※2
D.C.R.(m
Ω)
[Max.]
(at 20
℃)
Inductance
[Within]
※1
Stamp
Part No.
Electrical characteristics - High Power Type
6.5
5.9(7.4)
7.2(9.0)
15.1(12.6)
4.0
μH±20%
4R0MH
CDEP85NP-4RØMC-5Ø
7.5
6.5(8.1)
8.0(10.0)
11.7(9.8)
3.2
μH±20%
3R2MH
CDEP85NP-3R2MC-5Ø
8.3
7.7(9.6)
9.3(11.6)
9.8(8.2)
2.4
μH±20%
2R4MH
CDEP85NP-2R4MC-5Ø
9.7
8.8(11.0)
10.8(13.5)
8.1(6.8)
1.8
μH±20%
1R8MH
CDEP85NP-1R8MC-5Ø
10.8
10.6(13.2)
12.8(16.0)
7.0(5.9)
1.2
μH±20%
1R2MH
CDEP85NP-1R2MC-5Ø
13.5
13.2(16.5)
16.0(20.0)
4.8(4.0)
0.8
μH±20%
R80MH
CDEP85NP-R8ØMC-5Ø
17.0
18.0(22.5)
22.0(27.5)
3.4(2.8)
0.45
μH±20%
R45MH
CDEP85NP-R45MC-5Ø
18.0
26.0(32.5)
32.0(40.0)
2.5(2.1)
0.2
μH±20%
R20MH
CDEP85NP-R2ØMC-5Ø
(at105
℃)
(at 20
℃)
Temperature
Rise current
(A)※3
Saturation
current
(A)※2
D.C.R.(m
Ω)
[Max.]
(at 20
℃)
Inductance
[Within]
※1
Stamp
Part No.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com