Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP85NP-R80MC-50 Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDEP85NP-R80MC-50
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP85NP-R80MC-50 Datasheet(HTML) 4 Page - Sumida Corporation

  CDEP85NP-R80MC-50 Datasheet HTML 1Page - Sumida Corporation CDEP85NP-R80MC-50 Datasheet HTML 2Page - Sumida Corporation CDEP85NP-R80MC-50 Datasheet HTML 3Page - Sumida Corporation CDEP85NP-R80MC-50 Datasheet HTML 4Page - Sumida Corporation CDEP85NP-R80MC-50 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP85
0
2
4
6
8
10
12
0
2
4
6
8
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
2
4
6
8
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
2
4
6
8
10
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
2
4
6
8
10
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
2
4
6
8
10 12
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
3
6
9
12 15 18
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
4
8
12
16
20
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
2
4
6
8
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
2
4
6
8
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0
2
4
6
8
10
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
2
4
6
8
10
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
13. CDEP85NP-3R2MC-88
△T (℃)
L (
μH)
14. CDEP85NP-4R3MC-88
△T (℃)
L (
μH)
15. CDEP85NP-5R6MC-88
L (
μH)
DC (A)
17. CDEP85NP-R50MC-125
△T (℃)
L (
μH)
18. CDEP85NP-1R1MC-125
DC (A)
19. CDEP85NP-2R0MC-125
△T (℃)
L (
μH)
20. CDEP85NP-3R1MC-125
△T (℃)
L (
μH)
DC (A)
21. CDEP85NP-4R5MC-125
DC (A)
16. CDEP85NP-7R1MC-88
△T (℃)
DC (A)
DC (A)
22. CDEP85NP-6R1MC-125
△T (℃)
L (
μH)
DC (A)
23. CDEP85NP-8ROMC-125
△T (℃)
L (
μH)
DC (A)
24. CDEP85NP-100MC-125
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
L (105
℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com