Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B080MB5S Datasheet(PDF) 1 Page - Dielectric Laboratories, Inc.

Part # B080MB5S
Description  8GHz Surface Mount Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

B080MB5S Datasheet(HTML) 1 Page - Dielectric Laboratories, Inc.

  B080MB5S Datasheet HTML 1Page - Dielectric Laboratories, Inc. B080MB5S Datasheet HTML 2Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
DESCRIPTION
DLI’s 8GHz bandpass filter offers unmatched size and
performance in a surface mount configuration. This
filter utilizes DLI’s low loss temperature stable materials
which offer small size and minimal performance
variation over temperature.
SPECIFICATIONS*
*Electrical specifications based on typical mounted performance at room temperature. Insertion loss shall vary ±0.5dB over temperature.
8GHz Surface Mount Bandpass Filter
B080MB5S
2777 Route 20 East, Cazenovia, NY 13035| Ph.: (315)655‐8710 | KCCSales@knowles.com 
December 2015 
Parameter
Frequency Range
Min
Typ.
Max
Insertion Loss (dB)
7.5 - 8.5
2
3
Return Loss (dB)
14
18
Low Side Rejection (dB)
DC -6.8
30
40
High Side Rejection (dB)
9.2 - 18
30
40
Input Power (W)
TBD
www.knowlescapacitors.com
www.dilabs.com
FEATURES
 Small Size
 Frequency Stable over Temperature
 Solder Surface Mount Package
 Excellent Repeatability
 Operating Temp: -55˚C to +125˚C
 Characteristic Impedance: 50Ω
Typical Measured Performance


Similar Part No. - B080MB5S

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
B080MB5S KNOWLES-B080MB5S Datasheet
2Mb / 2P
2 to 18 GHz SM Bandpass Filters
logo
Knowles Capacitors All ...
B080MB5S JOHANSONMANUFACTURING-B080MB5S Datasheet
894Kb / 5P
8.0GHz Surface Mount Bandpass Filter
Feb 2024
B080MB5S-T JOHANSONMANUFACTURING-B080MB5S-T Datasheet
894Kb / 5P
8.0GHz Surface Mount Bandpass Filter
Feb 2024
More results

Similar Description - B080MB5S

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
H080XHXS DILABS-H080XHXS Datasheet
247Kb / 2P
8GHz Surface Mount Highpass Filter
logo
MTRONPTI
Z MTRONPTI-Z Datasheet
219Kb / 2P
Surface Mount Bandpass Filter
Y MTRONPTI-Y Datasheet
328Kb / 2P
Surface Mount Bandpass Filter
A-SERIES MTRONPTI-A-SERIES Datasheet
333Kb / 2P
Surface Mount Bandpass Filter
Z-SERIES MTRONPTI-Z-SERIES Datasheet
219Kb / 2P
Surface Mount Bandpass Filter
logo
Knowles Electronics
H080XHXS KNOWLES-H080XHXS Datasheet
247Kb / 2P
8GHz Surface Mount Highpass Filter
logo
Marki Microwave
FB-0850SM MARKIMICROWAVE-FB-0850SM Datasheet
436Kb / 2P
SURFACE MOUNT BANDPASS FILTER
FB-0955SM MARKIMICROWAVE-FB-0955SM Datasheet
407Kb / 2P
SURFACE MOUNT BANDPASS FILTER
FB-1050SM MARKIMICROWAVE-FB-1050SM Datasheet
406Kb / 2P
SURFACE MOUNT BANDPASS FILTER
FB-1215SM MARKIMICROWAVE-FB-1215SM Datasheet
435Kb / 2P
SURFACE MOUNT BANDPASS FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com