Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B080MB5S Datasheet(PDF) 2 Page - Dielectric Laboratories, Inc.

Part # B080MB5S
Description  8GHz Surface Mount Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

B080MB5S Datasheet(HTML) 2 Page - Dielectric Laboratories, Inc.

  B080MB5S Datasheet HTML 1Page - Dielectric Laboratories, Inc. B080MB5S Datasheet HTML 2Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
Recommended PCB Layout
Physical Dimensions
2777 Route 20 East, Cazenovia, NY 13035| Ph.: (315)655‐8710 | KCCSales@knowles.com 
December 2015 
www.knowlescapacitors.com
www.dilabs.com
 50Ω trace dimensions are 
applica on specific. 
 Ensure adequate grounding 
beneath the part. 
Units = inches
Isometric View
Bottom View
8GHz Surface Mount Bandpass Filter
B080MB5S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com