Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL014N Datasheet(PDF) 4 Page - International Rectifier

Part # IRLL014N
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL014N Datasheet(HTML) 4 Page - International Rectifier

  IRLL014N Datasheet HTML 1Page - International Rectifier IRLL014N Datasheet HTML 2Page - International Rectifier IRLL014N Datasheet HTML 3Page - International Rectifier IRLL014N Datasheet HTML 4Page - International Rectifier IRLL014N Datasheet HTML 5Page - International Rectifier IRLL014N Datasheet HTML 6Page - International Rectifier IRLL014N Datasheet HTML 7Page - International Rectifier IRLL014N Datasheet HTML 8Page - International Rectifier IRLL014N Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRLL014N
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
100
200
300
400
1
1 0
100
DS
V
, D rain-to-S ourc e V oltage (V )
A
V
= 0V ,
f = 1M H z
C
= C
+ C
, C
S H O R T E D
C
= C
C
= C
+ C
GS
is s
g s
g d
d s
rs s
g d
o ss
d s
gd
C iss
C oss
C rss
0
4
8
12
16
20
0
3
6
9
12
15
Q
, T otal G ate C harge (nC )
G
A
F O R TE S T CIR C U IT
S E E F IG U R E 9
I
= 2.0 A
V
= 4 4V
V
= 2 8V
D
DS
DS
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = 2 5°C
T = 150°C
J
J
V
= 0V
GS
V
, S o urc e-to-D rain V o ltage (V )
SD
A
0.1
1
10
100
1
1 0
100
V
, D ra in-to-S o u rce V o lta ge (V )
DS
O P E R A T IO N IN T H IS A R E A L IM ITE D
B Y R DS (on)
T
= 25 °C
T
= 15 0°C
Sing le P u ls e
10µ s
1 00µs
1m s
10m s
A
A
J



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com