Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL014N Datasheet(PDF) 5 Page - International Rectifier

Part # IRLL014N
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL014N Datasheet(HTML) 5 Page - International Rectifier

  IRLL014N Datasheet HTML 1Page - International Rectifier IRLL014N Datasheet HTML 2Page - International Rectifier IRLL014N Datasheet HTML 3Page - International Rectifier IRLL014N Datasheet HTML 4Page - International Rectifier IRLL014N Datasheet HTML 5Page - International Rectifier IRLL014N Datasheet HTML 6Page - International Rectifier IRLL014N Datasheet HTML 7Page - International Rectifier IRLL014N Datasheet HTML 8Page - International Rectifier IRLL014N Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRLL014N
www.irf.com
5
QG
QGS
QGD
VG
Charge
+
-
VDS
10V
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
Fig 10a. Switching Time Test Circuit
Fig 9a. Basic Gate Charge Waveform
Fig 9b. Gate Charge Test Circuit
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
10V
0.1
1
10
100
1000
0.00001
0.0001
0.001
0.01
0 . 1
1
1 0
1 0 0
1000
t , R e ctangular P u lse Du ra tion (sec )
1
D = 0.5 0
0.01
0.02
0.05
0.10
0.20
S IN G L E P U L S E
( T HE RM AL RES P O N SE )
A
P
t 2
1
t
DM
N ote s:
1 . D u ty fac to r D = t
/ t
2 . P e a k T = P
x Z
+ T
1
2
J
DM
th J A
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com