Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MF/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641MF/NOPB
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MF/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV641MF/NOPB Datasheet HTML 6Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 7Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 8Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 9Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 10Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 11Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 12Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 13Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SUPPLY VOLTAGE (V)
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
2.5
3
RL = 1 M:
CL = 20 pF
FALLING
RISING
2
3
4
5
6
7
8
9
10 11 12
15
20
25
30
35
40
45
50
SUPPLY VOLTAGE (V)
125°C
25°C
-40°C
RL = 10 k:
2
3
4
5
6
7
8
9
10 11 12
15
20
25
30
35
40
45
50
SUPPLY VOLTAGE (V)
125°C
25°C
-40°C
RL = 10 k:
2
3
4
5
6
7
8
9
10 11 12
30
40
50
60
70
80
90
100
SUPPLY VOLTAGE (V)
125°C
25°C
-40°C
RL = 2 k:
2
3
4
5
6
7
8
9
10 11 12
30
40
50
60
70
80
90
100
SUPPLY VOLTAGE (V)
125°C
25°C
-40°C
RL = 2 k:
LMV641
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
+ = 10V, V− = 0V, V
CM = VS/2.
Output Swing High vs. Supply Voltage
Output Swing Low vs. Supply voltage
Figure 35.
Figure 36.
Output Swing High vs. Supply Voltage
Output Swing Low and Supply Voltage
Figure 37.
Figure 38.
Slew Rate vs. Supply Voltage
Figure 39.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com