Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MF/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641MF/NOPB
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MF/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV641MF/NOPB Datasheet HTML 8Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 9Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 10Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 11Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 12Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 13Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 14Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 15Page - Texas Instruments LMV641MF/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
CF = ¨
¨
©
§R
F + 2RIN
RF
2
CLROUT
RS = ROUTRIN
RF
ROUT
-
+
VIN
RF
CF
RIN
RL
CL
RS
LMV641
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
www.ti.com
An op amp, ideally, has a dominant pole close to DC which causes its gain to decay at the rate of 20 dB/decade
with respect to frequency. If this rate of decay, also known as the rate of closure (ROC), remains the same until
the op amp's unity gain bandwidth, then the op amp is stable. If, however, a large capacitance is added to the
output of the op amp, it combines with the output impedance of the op amp to create another pole in its
frequency response before its unity gain frequency (Figure 40). This increases the ROC to 40 dB/decade and
causes instability.
In such a case, a number of techniques can be used to restore stability to the circuit. The idea behind all these
schemes is to modify the frequency response such that it can be restored to an ROC of 20 dB/decade, which
ensures stability.
In The Loop Compensation
Figure 41 illustrates a compensation technique, known as in the loop compensation, that employs an RC
feedback circuit within the feedback loop to stabilize a non-inverting amplifier configuration. A small series
resistance, RS, is used to isolate the amplifier output from the load capacitance, CL, and a small capacitance, CF,
is inserted across the feedback resistor to bypass CL at higher frequencies.
Figure 41. In the Loop Compensation
The values for RS and CF are decided by ensuring that the zero attributed to CF lies at the same frequency as the
pole attributed to CL. This ensures that the effect of the second pole on the transfer function is compensated for
by the presence of the zero, and that the ROC is maintained at 20 dB/ decade. For the circuit shown in Figure 41
the values of RS and CF are given by Equation 1. Values of RS and CF required for maintaining stability for
different values of CL, as well as the phase margins obtained, are shown in Table 1. RF and RIN are 10 kΩ, RL is
2 k
Ω, while ROUT is 680Ω.
(1)
Table 1.
CL (nF)
RS (Ω)
CF (pF)
Phase Margin (°)
0.5
680
10
17.4
1
680
20
12.4
1.5
680
30
10.1
The LMV641 is capable of driving heavy capacitive loads of up to 1 nF without oscillating, however it is
recommended to use compensation should the load exceed 1 nF. Using this methodology will reduce any
excessive ringing and help maintain the phase margin for stability. The values of the compensation network
tabulated above illustrate the phase margin degradation as a function of the capacitive load.
Although this methodology provides circuit stability for any load capacitance, it does so at the price of bandwidth.
The closed loop bandwidth of the circuit is now limited by RF and CF.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com