Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM71 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM71
Description  SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM71 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM71 Datasheet HTML 1Page - National Semiconductor (TI) LM71 Datasheet HTML 2Page - National Semiconductor (TI) LM71 Datasheet HTML 3Page - National Semiconductor (TI) LM71 Datasheet HTML 4Page - National Semiconductor (TI) LM71 Datasheet HTML 5Page - National Semiconductor (TI) LM71 Datasheet HTML 6Page - National Semiconductor (TI) LM71 Datasheet HTML 7Page - National Semiconductor (TI) LM71 Datasheet HTML 8Page - National Semiconductor (TI) LM71 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
−0.3V to 6.0V
Voltage at any Pin
−0.3V to V
+ + 0.3V
Input Current at any Pin (Note 2)
5 mA
Storage Temperature
−65˚C to +150˚C
Soldering Information, Lead Temperature
SOT23-5 Package (Note 3)
Vapor Phase (60 seconds)
Infrared (15 seconds)
215˚C
220˚C
LLP-6 Package (Note 3)
Infrared (5 seconds)
215˚C
ESD Susceptibility (Note 4)
Human Body Model
Machine Model
2000V
200V
Operating Ratings
Specified Temperature Range
(Note 5)
T
MIN to TMAX
LM71CIMF, LM71CISD
−40˚C to +150˚C
Supply Voltage Range (+V
S)
LM71CIMF, LM71CISD
+2.65V to +5.5V
Temperature-to-Digital Converter Characteristics Unless otherwise noted, these specifica-
tions apply for V
+ = 2.65V to 3.6V (Note 6). Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ =
+25˚C, unless otherwise noted.
Parameter
Conditions
Typical
(Note 7)
LM71CIMF
LM71CISD
Limits
(Note 8)
Units
(Limit)
Temperature Error
(Note 6)
T
A = −10˚C to +65˚C
±1.5
˚C (max)
T
A = −40˚C to +85˚C
±2.0
˚C (max)
T
A = −40˚C to +150˚C
+3/−2
˚C (max)
Resolution
14
0.03125
Bits
˚C
Temperature
Conversion Time
(Note 9)
200
270
ms (max)
Quiescent Current
Serial Bus Inactive
300
550
µA (max)
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V (Note 6). Bold-
face limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
V
IN(1)
Logical “1” Input Voltage
V
+ x 0.7
V (min)
V
+ + 0.3
V (max)
V
IN(0)
Logical “0” Input Voltage
−0.3
V (min)
V
+ x 0.3
V (max)
Input Hysteresis Voltage
V
+ = 3.0V to 3.6V
0.4
0.33
V (min)
I
IN(1)
Logical “1” Input Current
V
IN =V
+
0.005
3.0
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−0.005
−3.0
µA (min)
C
IN
All Digital Inputs
20
pF
V
OH
High Level Output Voltage
I
OH = −400 µA
2.4
V (min)
V
OL
Low Level Output Voltage
I
OL =+2mA
0.4
V (max)
I
O_TRI-STATE
TRI-STATE ®Output Leakage
Current
V
O = GND
V
O =V
+
−1
+1
µA (min)
µA (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com